Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031E/ST Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP6031E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031E/ST Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP6031E/ST Datasheet HTML 5Page - Microchip Technology MCP6031E/ST Datasheet HTML 6Page - Microchip Technology MCP6031E/ST Datasheet HTML 7Page - Microchip Technology MCP6031E/ST Datasheet HTML 8Page - Microchip Technology MCP6031E/ST Datasheet HTML 9Page - Microchip Technology MCP6031E/ST Datasheet HTML 10Page - Microchip Technology MCP6031E/ST Datasheet HTML 11Page - Microchip Technology MCP6031E/ST Datasheet HTML 12Page - Microchip Technology MCP6031E/ST Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 9
MCP6031/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-19:
Channel-to-Channel
Separation vs. Frequency ( MCP6032/4 only).
FIGURE 2-20:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-21:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-22:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-23:
Ouput Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-24:
Output Voltage Swing vs.
Frequency.
60
70
80
90
100
110
120
130
100
1,000
10,000
Frequency (Hz)
Input Referred
0
2
4
6
8
10
12
14
16
18
20
Common Mode Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
Gain Bandwidth Product
Phase Margin
VDD = 5.5V
G = +1 V/V
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Gain Bandwidth Product
Phase Margin
VDD = 5.5V
G = +1 V/V
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
255075
100 125
Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
Gain Bandwidth Product
Phase Margin
VDD = 1.8V
G = +1 V/V
0
5
10
15
20
25
30
35
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.1
1
10
10
100
1000
10000
Frequency (Hz)
VDD = 1.8V
VDD = 3.0V
VDD = 5.5V
1K
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com