Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031E/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP6031E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031E/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP6031E/ST Datasheet HTML 10Page - Microchip Technology MCP6031E/ST Datasheet HTML 11Page - Microchip Technology MCP6031E/ST Datasheet HTML 12Page - Microchip Technology MCP6031E/ST Datasheet HTML 13Page - Microchip Technology MCP6031E/ST Datasheet HTML 14Page - Microchip Technology MCP6031E/ST Datasheet HTML 15Page - Microchip Technology MCP6031E/ST Datasheet HTML 16Page - Microchip Technology MCP6031E/ST Datasheet HTML 17Page - Microchip Technology MCP6031E/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP6031/2/3/4
DS22041A-page 14
© 2007 Microchip Technology Inc.
4.0
APPLICATION INFORMATION
The MCP6031/2/3/4 family of op amps is manufactured
using Microchip’s state-of-the-art CMOS process and
is specifically designed for low-power, high precision
applications.
4.1
Rail-to-Rail Input
4.1.1
PHASE REVERASAL
The MCP6031/2/3/4 op amps are designed to prevent
phase reversal when the input pins exceed the supply
voltages. Figure 2-32 shows the input voltage exceed-
ing the supply voltage without any phase reversal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltage that go too far above
VDD; their breakdown voltage is high enough to allow
normal operation and low enough to bypass ESD
events within the specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these op amps, the circuit they are in must limit the
voltages and currents at the VIN+ and VIN- pins (see
Absolute Maximum Ratings at the beginning of
Section 1.0 “Electrical Characteristics”). Figure 4-2
shows the recommended approach to protecting these
inputs. The internal ESD diodes prevent the input pins
(VIN+ and VIN-) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pins. Diodes D1 and D2 prevent the
input pins (VIN+ and VIN-) from going too far above VDD.
When implemented as shown, resistors R1 and R2 also
limit the current through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of the
resistors R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC currents into the input pins (VIN+ and
VIN-) should be very small. A significant amount of
current can flow out of the inputs when the common
mode voltage (VCM) is below ground (VSS).
4.1.3
NORMAL OPERATION
The input stage of the MCP6031/2/3/4 op amps uses
two differential input stages in parallel. One operates at
a low common mode input voltage (VCM), while the
other operates at a high VCM. With this topology, the
device operates with a VCM up to 300 mV above VDD
and 300 mV below VSS. The input offset voltage is
measured at VCM =VSS – 0.3V and VDD + 0.3V to
ensure proper operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
MCP603X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com