Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6031E/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6031E/ST
Description  0.9 uA, High Precision Op Amps
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6031E/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6031E/ST Datasheet HTML 3Page - Microchip Technology MCP6031E/ST Datasheet HTML 4Page - Microchip Technology MCP6031E/ST Datasheet HTML 5Page - Microchip Technology MCP6031E/ST Datasheet HTML 6Page - Microchip Technology MCP6031E/ST Datasheet HTML 7Page - Microchip Technology MCP6031E/ST Datasheet HTML 8Page - Microchip Technology MCP6031E/ST Datasheet HTML 9Page - Microchip Technology MCP6031E/ST Datasheet HTML 10Page - Microchip Technology MCP6031E/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22041A-page 7
MCP6031/2/3/4
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 1 MΩ to VL and CL = 60 pF.
FIGURE 2-7:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-8:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-9:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs.
Frequency.
FIGURE 2-10:
Common Mode Rejection
Ratio, Power Supply Rejection Ratio vs. Ambient
Temperature.
FIGURE 2-11:
Input Bias, Offset Currents
vs. Ambient Temperature.
FIGURE 2-12:
Input Bias Current vs.
Common Mode Input Voltage.
100
1,000
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
Frequency (Hz)
0.1
1
10
100
1k
10k
100k
0
25
50
75
100
125
150
175
200
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 5.5V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Frequency (Hz)
PSRR-
PSRR+
CMRR
VDD = 5.5V
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (VDD = 1.8V to 5.5V, VCM = VSS)
CMRR (VDD = 1.8V,
VCM = -0.3V to 2.1V)
CMRR (VDD = 5.5V,
VCM = -0.3V to 5.8V)
1
10
100
1000
10000
25
45
65
85
105
125
Ambient Temperature (°C)
VDD = 5.5V
VCM = VDD
Input Bias Current
Input Offset Current
10
100
1000
10000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Common Mode Input Voltage (V)
TA = +125°C
TA = +85°C
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com