Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC164245AV Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245AV
Description  16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245AV Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74AVC164245AV Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS8425D
04/05/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245
16-Bit 1.8-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
Electrical Characteristics (VCCA) (Overrecommendedoperatingfree-airtemperaturerangeforVCCA=2.5V)
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TV A
C
C
.
n
i
M.
p
y
T
†
.
x
a
Ms
t
i
n
U
V H
O
)
A
o
t
B
(
I H
O
0
0
1
–
=
µAV
7
.
2
o
t
V
3
.
2V C
C
1
.
0
-
V
I H
O
A
m
8
–
=
V
3
.
27
.
1
V
7
.
20
.
2
I H
O
A
m
2
1
–
=V
7
.
28
.
1
V L
O
)
A
o
t
B
(
I L
O
0
0
1
=
µAV
7
.
2
o
t
V
3
.
22
.
0
I L
O
A
m
8
=V
3
.
24
.
0
I L
O
A
m
2
1
=V
7
.
25
.
0
II
s
t
u
p
n
I
l
o
r
t
n
o
CVI V
=
A
C
C
D
N
G
r
oV
7
.
25
±
µA
I Z
O
‡
s
t
r
o
p
B
r
o
AVO
V
=
A
C
C
D
N
G
r
oV
7
.
20
1
±
I C
C
VI V
=
A
C
C
I
,
D
N
G
r
o
O
0
=V
7
.
20
3
∆I C
C *
V
t
a
t
u
p
n
i
e
n
O
A
C
C
V
t
a
s
t
u
p
n
i
r
e
h
t
O
,
V
6
.
0
–
A
C
C
D
N
G
r
oV
7
.
2
o
t
V
3
.
20
0
5
CI
s
t
u
p
n
I
l
o
r
t
n
o
CVI V
=
A
C
C
D
N
G
r
oV
5
.
25
.
4
F
p
C O
I
s
t
r
o
p
B
r
o
AVO
V
=
A
C
C
D
N
G
r
oV
5
.
25
.
6
Electrical Characteristics (VCCA) (Overrecommendedoperatingfree-airtemperaturerangeforVCCA=1.8V)
s
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TV A
C
C
.
n
i
M*
*
.
p
y
T.
x
a
Ms
t
i
n
U
V H
O
)
A
o
t
B
(
I H
O
0
0
1
–
=
µAV
5
9
.
1
o
t
V
5
6
.
1V C
C
1
.
0
–
V
I H
O
A
m
4
–
=
V
5
6
.
13
.
1
V
5
9
.
14
.
1
I H
O
A
m
8
–
=V
5
9
.
13
.
1
V L
O
)
A
o
t
B
(
I L
O
0
0
1
=
µAV
5
6
.
12
.
0
I L
O
A
m
4
=V
5
9
.
13
.
0
I L
O
A
m
8
=V
5
9
.
14
.
0
I Z
O
*
*
*s
t
r
o
p
B
r
o
AVO V
=
A
C
C
D
N
G
r
oV
5
9
.
15
±
Α
µ
I C
C
VI V
=
A
C
C
I
,
D
N
G
r
o
O
0
=V
5
9
.
10
2
±
∆I C
C *
V
t
a
t
u
p
n
i
e
n
O
A
C
C
V
t
a
s
t
u
p
n
i
r
e
h
t
O
,
V
6
.
0
–
A
C
C
D
N
G
r
oV
5
9
.
1
o
t
V
5
6
.
10
0
3
CI
s
t
u
p
n
I
l
o
r
t
n
o
CVI V
=
A
C
C
D
N
G
r
oV
8
.
15
.
4
F
p
C O
I
s
t
r
o
p
B
r
o
AVO V
=
A
C
C
D
N
G
r
oV
8
.
15
.
6
Notes:
* The increase in supply current for each input at one of the specified TTL voltage levels rather than at the associated VCC.
** Typical values are measured at VCC = 2.5V or 1.8V, TA = 25°C
*** For I/O ports, the parameter IOZ includes the input leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com