Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC164245AV Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245AV
Description  16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245AV Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI74AVC164245AV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
PS8425D
04/05/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245
16-Bit 1.8-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
.378
.386
.047
.031
.041
SEATING
PLANE
.0051
.009
.016
BSC
1
48
.169
.177
9.60
9.80
4.30
4.50
0.40
0.13
0.23
0.80
1.05
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.002
.006
0.05
0.15
.0035
.008
0.09
0.20
.018
.030
0.45
0.75
.252
BSC
6.4
Max.
1.20
48-Pin TVSOP (K) Package
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
OrderingInformation
a
t
a
D
g
n
i
r
e
d
r
O
n
o
i
t
p
i
r
c
s
e
D
d
e
e
p
S
k
n
a
l
Bd
e
e
p
S
A
V
5
4
2
4
6
1
C
V
A
4
7
I
PV
A
5
4
2
4
6
1
C
V
A
4
7
I
PP
O
S
S
c
it
s
a
l
p
e
d
i
w
li
m
-
0
0
3
,
n
i
p
-
8
4
A
5
4
2
4
6
1
C
V
A
4
7
I
PA
A
5
4
2
4
6
1
C
V
A
4
7
I
PP
O
S
S
T
c
it
s
a
l
p
e
d
i
w
li
m
-
0
4
2
,
n
i
p
-
8
4
K
5
4
2
4
6
1
C
V
A
4
7
I
PK
A
5
4
2
4
6
1
C
V
A
4
7
I
PP
O
S
V
T
c
it
s
a
l
p
e
d
i
w
li
m
-
3
7
1
,
n
i
p
-
8
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com