Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC164245AV Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245AV
Description  16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245AV Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74AVC164245AV Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS8425D
04/05/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245
16-Bit 1.8-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
r
e
t
e
m
a
r
a
P
m
o
r
F
)
t
u
p
n
I
(
o
T
)
t
u
p
t
u
O
(
5
4
2
4
6
1
C
V
A
4
7
I
PA
5
4
2
4
6
1
C
V
A
4
7
I
P
s
t
i
n
U
V B
C
C
V
3
.
0
±
V
3
.
3
=V B
C
C
V
3
.
0
±
V
3
.
3
=
V A
C
C
V
8
.
1
=
V
5
1
.
0
±
V A
C
C
V
5
.
2
=
V
2
.
0
±
V A
C
C
V
8
.
1
=
V
5
1
.
0
±
V A
C
C
V
5
.
2
=
V
2
.
0
±
.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
M
t D
P
AB
5
.
16
.
45
.
12
.
4
5
.
15
.
3
0
.
10
.
3
s
n
BA
5
.
14
.
45
.
10
.
4
5
.
15
.
3
0
.
18
.
2
t N
E
E
OB
7
.
15
.
57
.
15
.
4
7
.
1
5
.
42
.
15
.
3
t S
I
D
E
OB
5
.
15
.
55
.
15
.
4
5
.
1
5
.
40
.
15
.
3
t N
E
E
OA
7
.
15
.
57
.
15
.
4
7
.
1
5
.
42
.
15
.
3
t S
I
D
E
OA
0
.
25
.
50
.
25
.
4
0
.
2
5
.
45
.
15
.
3
t
)
o
(
k
s
)
1
(
5
.
03
.
0
t
)
b
(
k
s
)
1
(
3
.
05
2
.
0
SwitchingCharacteristics
(Over recommended operating free-air temperature range, CL = 30pF (unless otherwise noted), see Figures 1, 2, 3
Operating Characteristics, TA = 25°C
s
r
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
i
t
i
d
n
o
C
V A
C
C
V
5
.
2
=
V B
C
C
V
3
.
3
=
s
t
i
n
U
l
a
c
i
p
y
T
C D
P
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
)
B
r
o
A
(
d
e
l
b
a
n
E
s
t
u
p
t
u
O
CL
,
F
p
0
3
=
z
H
M
0
1
=
F
6
5
F
p
d
e
l
b
a
s
i
D
s
t
u
p
t
u
O6
Note:
1. This is the skew between any two outputs of the same package, and switching in the same direction. For tsk(o), Output 1 and
Output 2 are any two outputs. For tsk(b), Output 1 and Output 2 are in the same bank.
These parameters are warrented but not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com