Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74AVC164245AV Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74AVC164245AV
Description  16-Bit 1.8-2.5V to 3.3V Level Shifting Transceiver with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC164245AV Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI74AVC164245AV Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC164245AV Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8425D
04/05/02
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC164245
16-Bit 1.8-2.5V to 3.3V Level Shifting
Transceiver with 3-State Outputs
Output
Control
(low-level
enabling)
Output
Waveform 2
S1 at GND
(see note B)
tPZL
tPLZ
3.0V
0V
2.5V
VOL
0V
Output
Waveform 1
S1 at 6V
(see note B)
VOH
VOH –0.2V
VOL+0.2V
tPHZ
tPZH
1.5V
1.5V
1.25V
1.25V
From Output
Under Test
VIN
CL = 30pF
(see note A)
2 × VCC
GND
Open
500
Ω
500
Ω
Input
tPLH
tPHL
3.0V
1.5V
1.25V
1.5V
1.25V
0V
VOH
VOL
Output
Parameter Measurement Information, VCCA = 2.5V ± 0.2V
Figure 2. Load Circuit and Voltage Waveforms
Load Circuit
Voltage Waveforms
Propagation Delay Times
Voltage Waveforms
Enable and Disable Times
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤10Mz, ZO = 50Ω, tR ≤2.5ns, tF ≤2.5ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tDIS.
F. tPZL and tPZH are the same as tEN.
G. tPLH and tPHL are the same as tPD.
t
s
e
T1
S
t D
P
t Z
L
P
/t L
Z
P
t Z
H
P
/t H
Z
P
n
e
p
O
V
×
2
C
C
D
N
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com