Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 5Page - NXP Semiconductors PCF8566 Datasheet HTML 6Page - NXP Semiconductors PCF8566 Datasheet HTML 7Page - NXP Semiconductors PCF8566 Datasheet HTML 8Page - NXP Semiconductors PCF8566 Datasheet HTML 9Page - NXP Semiconductors PCF8566 Datasheet HTML 10Page - NXP Semiconductors PCF8566 Datasheet HTML 11Page - NXP Semiconductors PCF8566 Datasheet HTML 12Page - NXP Semiconductors PCF8566 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1998 May 04
9
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
Fig.5 Waveforms for 1 : 2 multiplex drive mode with 1
⁄2 bias: Vop =VDD − VLCD.
handbook, full pagewidth
MGG394
state 1
BP0
Sn + 1
(a) waveforms at driver
(b) resultant waveforms
at LCD segment
LCD segments
state 2
BP1
Sn
state 2
state 1
VDD
(VDD + VLCD)/2
VLCD
VDD
(VDD + VLCD)/2
VLCD
VDD
VLCD
VDD
VLCD
Vop
Vop/2
0
−Vop/2
−Vop
Vop
Vop/2
0
−Vop/2
−Vop
Tframe
At any instant (t):
Vstate 1(t) = VSn(t) − VBP0(t)
Von(rms) =
Vop√10 = 0.791V
op
4
Vstate 2(t) = VSn(t) − VBP1(t)
Voff(rms) =
Vop√2 = 0.354V
op
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com