Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 17Page - NXP Semiconductors PCF8566 Datasheet HTML 18Page - NXP Semiconductors PCF8566 Datasheet HTML 19Page - NXP Semiconductors PCF8566 Datasheet HTML 20Page - NXP Semiconductors PCF8566 Datasheet HTML 21Page - NXP Semiconductors PCF8566 Datasheet HTML 22Page - NXP Semiconductors PCF8566 Datasheet HTML 23Page - NXP Semiconductors PCF8566 Datasheet HTML 24Page - NXP Semiconductors PCF8566 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1998 May 04
21
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
Table 5
Definition of PCF8566 commands
Table 6
LCD drive mode
COMMAND/OPCODE
OPTIONS
DESCRIPTION
Mode set
C
1
0
LP
E
B
M1
M0
see Table 6
defines LCD drive mode
see Table 7
defines LCD bias configuration
see Table 8
defines display status; the possibility to disable
the display allows implementation of blinking
under external control
see Table 9
defines power dissipation mode
Load data pointer
C
0
0
P4
P3
P2
P1
P0
see Table 10
five bits of immediate data, bits P4 to P0, are
transferred to the data pointer to define one of
twenty-four display RAM addresses
Device select
C
1100
A2
A1
A0
see Table 11
three bits of immediate data, bits A0 to A2, are
transferred to the subaddress counter to define
one of eight hardware subaddresses
Bank select
C
11110
I
O
see Table 12
defines input bank selection (storage of arriving
display data)
see Table 13
defines output bank selection (retrieval of LCD
display data)
the BANK SELECT command has no effect in
1 : 3 and 1 : 4 multiplex drive modes
Blink
C
1110
A
BF1 BF0
see Table 14
defines the blinking frequency
see Table 15
selects the blinking mode; normal operation
with frequency set by bits BF1 and BF0, or
blinking by alternation of display RAM banks.
Alternation blinking does not apply in 1 : 3 and
1 : 4 multiplex drive modes
LCD DRIVE MODE
BIT M1
BIT M0
Static (1 BP)
0
1
1 : 2 MUX (2 BP)
1
0
1 : 3 MUX (3 BP)
1
1
1 : 4 MUX (4 BP)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com