Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 25Page - NXP Semiconductors PCF8566 Datasheet HTML 26Page - NXP Semiconductors PCF8566 Datasheet HTML 27Page - NXP Semiconductors PCF8566 Datasheet HTML 28Page - NXP Semiconductors PCF8566 Datasheet HTML 29Page - NXP Semiconductors PCF8566 Datasheet HTML 30Page - NXP Semiconductors PCF8566 Datasheet HTML 31Page - NXP Semiconductors PCF8566 Datasheet HTML 32Page - NXP Semiconductors PCF8566 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
1998 May 04
29
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
Fig.22 Typical supply current characteristics.
a. Normal mode; VLCD =0V;
external clock = 200 kHz.
b. Low power mode; VLCD =0V;
external clock = 35 kHz.
handbook, halfpage
40
30
10
20
MGG397
0
0
24
8
6
VDD (V)
IDD
(
µA)
+85 °C
−40 °C
handbook, halfpage
0
24
16
8
0
24
8
6
MGG398
VDD (V)
IDD
(
µA)
−40 °C
+85 °C
Fig.23 Typical characteristics of LCD outputs.
a. Backplane output impedance BP0 to BP3
(RBP); VDD = 5 V; Tamb = −40 to +85 °C.
b. Segment output impedance S0 to S23 (RS);
VDD =5V.
handbook, halfpage
0
6
4
2
0
24
8
6
MGG399
VDD (V)
RBP
(k
Ω)
handbook, halfpage
0
12
8
4
0
24
8
6
MGG400
VDD (V)
RS
(k
Ω)
+25 °C
+85 °C
−40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com