Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8566 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8566
Description  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 22Page - NXP Semiconductors PCF8566 Datasheet HTML 23Page - NXP Semiconductors PCF8566 Datasheet HTML 24Page - NXP Semiconductors PCF8566 Datasheet HTML 25Page - NXP Semiconductors PCF8566 Datasheet HTML 26Page - NXP Semiconductors PCF8566 Datasheet HTML 27Page - NXP Semiconductors PCF8566 Datasheet HTML 28Page - NXP Semiconductors PCF8566 Datasheet HTML 29Page - NXP Semiconductors PCF8566 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
1998 May 04
26
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
10 DC CHARACTERISTICS
VSS =0V; VDD = 2.5 to 6 V; VLCD =VDD − 2.5 to VDD − 6 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. Outputs open; inputs at VSS or VDD; external clock with 50% duty factor; I2C-bus inactive.
2. Resets all logic when VDD <Vref.
3. Periodically sampled, not 100% tested.
4. Outputs measured one at a time.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
operating supply voltage
2.5
6V
VLCD
LCD supply voltage
VDD − 6
VDD − 2.5 V
IDD
operating supply current
(normal mode)
fCLK = 200 kHz; note 1
30
90
µA
ILP
power saving mode supply current
VDD = 3.5 V; VLCD =0V;
fCLK = 35 kHz; A0,
A1 and A2 tied to VSS;
note 1
15
40
µA
Logic
VIL
LOW level input voltage
VSS
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
VDD
V
VOL
LOW level output voltage
IO =0mA
−−
0.05
V
VOH
HIGH level output voltage
IO =0mA
VDD − 0.05 −−
V
IOL1
LOW level output current
(CLK and SYNC)
VOL =1V; VDD =5V
1
−−
mA
IOH
HIGH level output current (CLK)
VOH =4V; VDD =5V
−−
−1mA
IOL2
LOW level output current
(SDA and SCL)
VOL = 0.4 V; VDD =5V
3
−−
mA
ILI
leakage current
(SA0, CLK, OSC, A0, A1, A2, SCL
and SDA)
VI =VSS or VDD
−−
±1
µA
Ipd
pull-down current
(A0, A1, A2 and OSC)
VI =1V; VDD = 5 V
15
50
150
µA
RpuSYNC
pull-up resistor (SYNC)
15
25
60
k
Vref
power-on reset level
note 2
1.3
2
V
tsw
tolerable spike width on bus
−−
100
ns
Ci
input capacitance
note 3
−−
7pF
LCD outputs
VBP
DC voltage component
(BP0 to BP3)
CBP =35nF
−±20
mV
VS
DC voltage component (S0 to S23)
CS =5nF
−±20
mV
ZBP
output impedance (BP0 to BP3)
VLCD =VDD − 5 V; note 4 −
15
k
ZS
output impedance (S0 to S23)
VLCD =VDD −5 V; note 4
37
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com