Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6079IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6079IGN
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6079IGN Datasheet HTML 3Page - Linear Technology LTC6079IGN Datasheet HTML 4Page - Linear Technology LTC6079IGN Datasheet HTML 5Page - Linear Technology LTC6079IGN Datasheet HTML 6Page - Linear Technology LTC6079IGN Datasheet HTML 7Page - Linear Technology LTC6079IGN Datasheet HTML 8Page - Linear Technology LTC6079IGN Datasheet HTML 9Page - Linear Technology LTC6079IGN Datasheet HTML 10Page - Linear Technology LTC6079IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC6078/LTC6079
7
60789fa
20
µs/DIV
60789 G17
20mV/DIV
VS = 5V
RL = 10k
CL = 100pF
200
µs/DIV
60789 G18
1V/DIV
VS = 5V
RL = 10k
CL = 100pF
FREQUENCY (Hz)
10000
1000
100
10
1
0.1
0.01
100
100k
1M
60789 G16
10k
1k
VS = 5V
VCM = 0.5V
TA = 25°C
AV = 100
AV = 10
AV = 1
FREQUENCY (Hz)
140
120
80
100
60
40
20
0
1
10
100
10k
100k
10M
60789 G15
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
FREQUENCY (Hz)
100
80
60
40
20
0
–20
–40
1k
100k
1M
10M
60789 G13
10k
100
80
60
40
20
0
–20
–40
VS = 5V
VCM = 0.5V
CL = 200pF
TA = 25°C
RL = 10k
RL = 100k
GAIN
PHASE
LOAD CURRENT (mA)
+VS
+VS –0.5
+VS –1.0
+VS –1.5
+VS –2.0
–VS +2.0
–VS +1.5
–VS +1.0
–VS +0.5
–VS
0.01
1
10
100
60789 G10
0.1
VS = 5V
VCM = 0.7V
SOURCE
SINK
TA = 125°C
TA = 25°C
TA = –55°C
SUPPLY VOLTAGE (V)
0 0.5 1.0
3.0
4.0
60789 G11
2.5
5.0 5.5
1.5 2.0
3.5
4.5
60
50
40
30
20
10
0
PER AMPLIFIER
VCM = 0.5V
TA = 25°C
TEMPERATURE (
°C)
–40 –25 –10
50
80
60789 G12
35
110 125
520
65
95
65
50
60
45
55
40
PER AMPLIFIER
VCM = 0.5V
VS = 5V
VS = 3V
FREQUENCY (Hz)
120
80
100
60
40
20
0
–20
100
10k
100k
10M
60789 G14
1k
1M
VS = 5V
VCM = 0.5V
TA = 25°C
RL = 1k
Open Loop Gain vs Frequency
CMRR vs Frequency
PSRR vs Frequency
Output Impedance vs Frequency
Small Signal Transient
Large Signal Transient
Output Voltage Swing vs
Load Current
Supply Current vs Supply Voltage
Supply Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com