Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6079IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6079IGN
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6079IGN Datasheet HTML 11Page - Linear Technology LTC6079IGN Datasheet HTML 12Page - Linear Technology LTC6079IGN Datasheet HTML 13Page - Linear Technology LTC6079IGN Datasheet HTML 14Page - Linear Technology LTC6079IGN Datasheet HTML 15Page - Linear Technology LTC6079IGN Datasheet HTML 16Page - Linear Technology LTC6079IGN Datasheet HTML 17Page - Linear Technology LTC6079IGN Datasheet HTML 18Page - Linear Technology LTC6079IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC6078/LTC6079
15
60789fa
TYPICAL APPLICATIO S
Precision Voltage-Controlled Current Source
60Hz Notch
60789 TA14
IOUT
VIN
VDD
1
µF
1
µF
IOUT =
VIN
RSET
–
+
14
LTC6943
15
0.68
µF
0.001
µF
1k
RSET
1k
9
67
10
11
12
IERROR < 0.1% AT IOUT = 1µA
1/2
LTC6078
2.5V
–2.5V
60789 TA15
VIN
VOUT
R2
R1
10M
10M
540pF
5M
270pF
270pF
+
–
NOTCH DEPTH = –60dB AT 60Hz, RTI
VOUT = 1 +
• VIN
R2
R1
()
1/2
LTC6078



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com