Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6079IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6079IGN
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6079IGN Datasheet HTML 8Page - Linear Technology LTC6079IGN Datasheet HTML 9Page - Linear Technology LTC6079IGN Datasheet HTML 10Page - Linear Technology LTC6079IGN Datasheet HTML 11Page - Linear Technology LTC6079IGN Datasheet HTML 12Page - Linear Technology LTC6079IGN Datasheet HTML 13Page - Linear Technology LTC6079IGN Datasheet HTML 14Page - Linear Technology LTC6079IGN Datasheet HTML 15Page - Linear Technology LTC6079IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC6078/LTC6079
12
60789fa
TYPICAL APPLICATIO S
6 Decade Current Log Amplifier
60789 TA07
VDD
VCC
133k
100k
Q1
1000pF
VOUT
1
µF
10nA
≤ IIN ≤ 10mA
Q1, Q2: DIODES INC. DMMT3906W
A TO D: LTC6079
VOUT ≈ 150mV • log (IIN) + 1.23V, IIN IN AMPS
PRECISION
RESISTOR PT146
1k
+3500ppm/
°C
100
Ω
1.58k
+
–
D
–
+
B
+
–
C
+
–
A
1
µF
Q2
33
µF
IIN
100
Ω
GND
LT6650
IN
OUT
Humidity Sensor Signal Conditioner
60789 TA08
VDD
VOUT
0V TO 5V
0% TO 100% RH
34.8k
49.9k
499k
1k
10k
47.5k
1k
100k
VDD
VDD
VDD
VSUP
5.2V TO 20V
VDD
5V
1
µF
0.01
µF
0.1
µF
BAT54S
1
µF
IN
OUT
SHDN
LT1761-5
BYP
VDD OUT
SET
DIV
GRD GND
100k
OFFSET TRIM
GAIN TRIM
49.9k
M1
VDD
VBIAS
100k
100k
A TO C: LTC6079
H: GE PARAMETRICS G-CAP 2 HUMIDITY SENSOR
148pF TO 178pF, 0% TO 90% RH
M1: VN2222L
1000pF
75pF
H
+
–
C
+
–
B
+
–
A
1M
100k
0.1
µF
LTC6906
VBIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com