Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6079IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6079IGN
Description  Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6079IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6079IGN Datasheet HTML 7Page - Linear Technology LTC6079IGN Datasheet HTML 8Page - Linear Technology LTC6079IGN Datasheet HTML 9Page - Linear Technology LTC6079IGN Datasheet HTML 10Page - Linear Technology LTC6079IGN Datasheet HTML 11Page - Linear Technology LTC6079IGN Datasheet HTML 12Page - Linear Technology LTC6079IGN Datasheet HTML 13Page - Linear Technology LTC6079IGN Datasheet HTML 14Page - Linear Technology LTC6079IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6078/LTC6079
11
60789fa
–2.5V
1M
1000pF
VOUT
2.5V
–
+
60789 TA04
COLUMBIA RESEARCH LABS
3021 ACCELERATOR
VOUT = 60mV/g
WHERE g = EARTH'S GRAVITATIONAL CONSTANT
1/2
LTC6078
–2.5V
1M
3.8pF
VOUT
2.5V
+
–
60789 TA05
TEMD1000
IR PHOTODIODE
AT 870nm (IR),
VOUT = 600mV/µW RECEIVED POWER
1/2
LTC6078
–
+
2N7002
HSDL-4220
VDD
VDD
60789 TA03
100k
909k
5V
0V
49.9
Ω
ON/OFF
SHDN
VARYING ON DUTY CYCLE REDUCES
AVERAGE POWER CONSUMPTION
1/2
LTC6078
–
+
2N7002
VDD
IL
VDD
60789 TA02
RS
R2
R1
LOAD
VOUT = IL •
R2
• RS – VOS •
R2
R1
R1
0V
≤ VOUT ≤ VDD – VGS, MOSFET
VOUT
1/2
LTC6078
TYPICAL APPLICATIO S
2.7V High Side Current Sense
Low Average Power IR LED Driver
Accelerometer Signal Conditioner
Photodiode Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com