Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8570P
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8570P Datasheet HTML 3Page - NXP Semiconductors PCF8570P Datasheet HTML 4Page - NXP Semiconductors PCF8570P Datasheet HTML 5Page - NXP Semiconductors PCF8570P Datasheet HTML 6Page - NXP Semiconductors PCF8570P Datasheet HTML 7Page - NXP Semiconductors PCF8570P Datasheet HTML 8Page - NXP Semiconductors PCF8570P Datasheet HTML 9Page - NXP Semiconductors PCF8570P Datasheet HTML 10Page - NXP Semiconductors PCF8570P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1999 Jan 06
7
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
8.5
I2C-bus protocol
Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is
always carried out with the first byte transmitted after the start procedure. The I2C-bus configuration for the different
PCF8570 WRITE and READ cycles is shown in Figs 7, 8 and 9.
Fig.7 Master transmits to slave receiver (WRITE) mode.
handbook, full pagewidth
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory word address
MBD822
n bytes
Fig.8 Master reads after setting word address (WRITE word address; READ data).
handbook, full pagewidth
S
0A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
acknowledgement
from master
A
DATA
auto increment
memory word address
MLB930
P
no acknowledgement
from master
1
DATA
auto increment
memory word address
last byte
R/W
S1
n bytes
at this moment master -
transmitter becomes
master - receiver and
PCF8570 slave -
receiver becomes
slave - transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com