Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570P Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8570P
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570P Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8570P Datasheet HTML 5Page - NXP Semiconductors PCF8570P Datasheet HTML 6Page - NXP Semiconductors PCF8570P Datasheet HTML 7Page - NXP Semiconductors PCF8570P Datasheet HTML 8Page - NXP Semiconductors PCF8570P Datasheet HTML 9Page - NXP Semiconductors PCF8570P Datasheet HTML 10Page - NXP Semiconductors PCF8570P Datasheet HTML 11Page - NXP Semiconductors PCF8570P Datasheet HTML 12Page - NXP Semiconductors PCF8570P Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Jan 06
9
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
11 DC CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS = 0 V; Tamb = −40 to +85 °C; unless otherwise specified.
Notes
1. The Power-on reset circuit resets the I2C-bus logic when VDD <VPOR. The status of the device after a Power-on reset
condition can be tested by sending the slave address and testing the acknowledge bit.
2. If the input voltages are a diode voltage above or below the supply voltage VDD or VSS an input current will flow; this
current must not exceed
±0.5 mA.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.5
−
6.0
V
IDD
supply current
standby mode
VI =VDD or VSS;
fSCL = 0 Hz;
Tamb = −25 to +70 °C
−−
5
µA
operating mode
VI =VDD or VSS;
fSCL = 100 Hz
−−
200
µA
VPOR
Power-on reset voltage
note 1
1.5
1.9
2.3
V
Inputs, input/output SDA
VIL
LOW level input voltage
note 2
−0.8
−
0.3VDD
V
VIH
HIGH level input voltage
note 2
0.7VDD
−
VDD + 0.8 V
IOL
LOW level output current
VOL = 0.4 V
3
−−
mA
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA
Inputs A0, A1, A2 and TEST
ILI
input leakage current
VI =VDD or VSS
−250
−
+250
nA
Inputs SCL and SDA
Ci
input capacitance
VI =VSS
−−
7pF
Low VDD data retention
VDDR
supply voltage for data retention
1
−
6V
IDDR
supply current
VDDR =1V
−−
5
µA
VDDR =1V;
Tamb = −25 to +70 °C
−−
2
µA
Power-saving mode (see Figs 13 and 14)
IDDR
supply current
TEST = VDD; Tamb =25 °C
−
50
400
nA
tHD2
recovery time
−
50
−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com