Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8570P
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8570P Datasheet HTML 6Page - NXP Semiconductors PCF8570P Datasheet HTML 7Page - NXP Semiconductors PCF8570P Datasheet HTML 8Page - NXP Semiconductors PCF8570P Datasheet HTML 9Page - NXP Semiconductors PCF8570P Datasheet HTML 10Page - NXP Semiconductors PCF8570P Datasheet HTML 11Page - NXP Semiconductors PCF8570P Datasheet HTML 12Page - NXP Semiconductors PCF8570P Datasheet HTML 13Page - NXP Semiconductors PCF8570P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Jan 06
10
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
12 AC CHARACTERISTICS
All timing values are valid within the operating supply voltage and ambient temperature range and reference to VIL and
VIH with an input voltage swing of VSS to VDD.
Note
1. A detailed description of the I2C-bus specification, with applications, is given in brochure
“The I2C-bus and how to
use it”. This brochure may be ordered using the code 9398 393 40011.
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
I2C-bus timing (see Fig.10; note 1)
fSCL
SCL clock frequency
−−
100
kHz
tSP
tolerable spike width on bus
−−
100
ns
tBUF
bus free time
4.7
−−µs
tSU;STA
START condition set-up time
4.7
−−µs
tHD;STA
START condition hold time
4.0
−−µs
tLOW
SCL LOW time
4.7
−−µs
tHIGH
SCL HIGH time
4.0
−−µs
tr
SCL and SDA rise time
−−
1.0
µs
tf
SCL and SDA fall time
−−
0.3
µs
tSU;DAT
data set-up time
250
−−
ns
tHD;DAT
data hold time
0
−−
ns
tVD;DAT
SCL LOW-to-data out valid
−−
3.4
µs
tSU;STO
STOP condition set-up time
4.0
−−µs
Fig.10 I2C-bus timing diagram; rise and fall times refer to VIL and VIH.
handbook, full pagewidth
PROTOCOL
SCL
SDA
MBD820
BIT 0
LSB
(R/W)
t HD;STA
t
SU;DAT
t
HD;DAT
t
VD;DAT
t SU;STO
t
f
r
t
t
BUF
t
SU;STA
t
LOW
t HIGH
1 / f SCL
START
CONDITION
(S)
BIT 7
MSB
(A7)
BIT 6
(A6)
ACKNOWLEDGE
(A)
STOP
CONDITION
(P)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com