Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8570P Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8570P
Description  256 x 8-bit static low-voltage RAM with I2C-bus interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8570P Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8570P Datasheet HTML 11Page - NXP Semiconductors PCF8570P Datasheet HTML 12Page - NXP Semiconductors PCF8570P Datasheet HTML 13Page - NXP Semiconductors PCF8570P Datasheet HTML 14Page - NXP Semiconductors PCF8570P Datasheet HTML 15Page - NXP Semiconductors PCF8570P Datasheet HTML 16Page - NXP Semiconductors PCF8570P Datasheet HTML 17Page - NXP Semiconductors PCF8570P Datasheet HTML 18Page - NXP Semiconductors PCF8570P Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1999 Jan 06
15
Philips Semiconductors
Product specification
256
× 8-bit static low-voltage RAM with
I2C-bus interface
PCF8570
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
7.65
7.45
7.6
7.4
1.27
10.65
10.00
1.1
1.0
2.0
1.8
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.45
SOT176-1
95-02-25
97-05-22
X
4
8
θ
A
A1
A2
w M
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
5
1
(A )
3
A
y
0.25
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.30
0.29
0.30
0.29
0.050
1.45
0.057
0.25
0.01
0.419
0.394
0.043
0.039
0.079
0.071
0.01
0.004
0.043
0.018
0.01
0
5
10 mm
scale
pin 1 index
SO8: plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com