Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6103 Datasheet(PDF) 17 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 17 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 13Page - VIA Technologies, Inc. VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-11-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 16 (10h) – PHY Configuration 1 (0800h).............RW
15-11 PHY Address........................................ default = 01h
10
Fiber Mode
0
Disable ...................................................default
1
Enable
9Cable Type
0
UTP5 and STP (100 ohm) cable ............default
1
STP 150 ohm cable
8
Force PHY in Link Good Status
0
Disable ...................................................default
1
Enable
7
Base10Tx Low Squelch Level Select
0
Regular Cable Length ............................default
1
Long Cable (> 100 meters)
6-5
Programmable LED Output Select
LED0
LED1
LED2
LED3
00 Link/Act
Speed
Duplex
COL ....def
01 Pwr/TxAct Link/RxAct Speed
Duplex
10 Speed100
Speed10
Act
Duplex
11 Pwr/TxAct Link/RxAct Speed
COL
4
Repeater Mode
0
Disable ...................................................default
1
Enable
3
Interrupt Select
0
Assert interrupt on INT#........................default
1
Assert interrupt on MDIO
2
Symbol Mode .......................................................RO
0
Disable ...................................................default
1
Enable
Offset 17 (11h) – PHY Configuration 2 (F7FFh)........... RW
15
Jabber Detect
0Disable
1
Enable................................................... default
14
Signal Quality Error Detect
0Disable
1
Enable................................................... default
13
Auto-Polarity Correction
0Disable
1
Enable................................................... default
12
Far End Fault Detect
0Disable
1
Enable................................................... default
11
Change Seed ........................................ Self Clearing
0
Disable................................................... default
1
Enable
10-0 Seed
........................................default = 7FFh
Offset 18 (12h) – PHY Configuration 3 (0800h) ............ RW
15
Bypass Scrambler and Descrambler Functions
0
Disable................................................... default
1
Enable
14
Bypass 4B5B Encoding and Decoding Functions
0
Disable................................................... default
1
Enable
13
Bypass Symbol Alignment Function
0
Disable................................................... default
1
Enable
12
Bypass NRZI Encoding and Decoding Functions
0
Disable................................................... default
1
Enable
11
Loss Sync Function ............................. Self Clearing
0Disable
1
Enable................................................... default
10
Lost Sync Timer Select
0
722 usec................................................. default
12 msec
9-0
Reserved
........................................always reads 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com