Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6103 Datasheet(PDF) 21 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 21 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 17Page - VIA Technologies, Inc. VT6103 Datasheet HTML 18Page - VIA Technologies, Inc. VT6103 Datasheet HTML 19Page - VIA Technologies, Inc. VT6103 Datasheet HTML 20Page - VIA Technologies, Inc. VT6103 Datasheet HTML 21Page - VIA Technologies, Inc. VT6103 Datasheet HTML 22Page - VIA Technologies, Inc. VT6103 Datasheet HTML 23Page - VIA Technologies, Inc. VT6103 Datasheet HTML 24Page - VIA Technologies, Inc. VT6103 Datasheet HTML 25Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1 April 15, 2002
-15-
Register Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Offset 28 (1Ch) – PHY Test Configuration 3 (0208h) ...RW
15
Hold DPLL Phase Setting
0
Disable ...................................................default
1
Enable
14-10 DPLL Clock Phase Setting...................... default = 0
9-8
DPLL Low Pass Filter Bandwidth ..... default = 10b
7
Output DPLL Recovered Clock Phase to PHY
0
Disable ...................................................default
1
Enable
6
PHY Set DPLL Phase Capability
0
Disable ...................................................default
1
Enable
5
DPLL Loopback Mode
0
Disable ...................................................default
1
Enable
4
Rd100, Rd10 Output to PHY
0
Disable ...................................................default
1
Enable
3
Slew Rate Control for 100 Transmitter
0Disable
1
Enable ...................................................default
2
Baseline Wander Correction
0
Disable ...................................................default
1
Enable
1
Equalizer Peak Detector Scheme Control Using
Value in Bit-0
0
Disable ...................................................default
1
Enable
0
Control Equalizer Peak Detector Scheme ... def = 0
Offset 29 (1Dh) – PHY Test Configuration 4 (0030h) ... RW
15
Hold Adeq Operation, Keep Current Equalizer
Gain Setting
0
Disable................................................... default
1
Enable
14-9 Adeq Gain Amount Setting ..................... default = 0
8
Adeq Can Output Gain Setting
0
Disable................................................... default
1
Enable
7
PHY Can Set Adeq Gain Amount
0
Disable................................................... default
1
Enable
6-5
Adeq Low Pass Filter Bandwidth ....... default = 01b
4
Adeq Test Buffers AOP1/AON1, AOP2/AON2
0Disable
1
Enable................................................... default
3-2
Adeq
Clock
Setting
for 100BaseT Adaptive
Equalizer
.............................................. default = 0
1
Bypass 10BaseT Receiver Filter
0
Disable................................................... default
1
Enable
0
Mask Sqh10m and Sq110m in Test Mode
0
Disable................................................... default
1
Enable
Offset 30 (1Eh) – PHY Test Configuration 5 (001Bh) .. RW
15-14 Fx Mode Transmitter Current Source Control,
10BaseT Transmitter Output Slew Rate Control
.......................................... default = 00b
13-12 10BaseT Pre-Emphasis Control.......... default = 00b
11-10 Control Attenuator Attenuation Factor,
100 Transmitter Output Amplitude ... default = 00b
9-8
100BaseT Programmable Select Clock Phase to
Latch Transmit Data ........................... default = 00b
7-6
10BaseT Transmitter Output Signal Amplitude
.......................................... default = 00b
5-3
ADEQ Peak Detector Reference Peak Select
........................................ default = 011b
2-0
ADEQ Slicer Threshold Level Select
........................................ default = 011b
Offset 31 (1Fh) – PHY Test Configuration 6 (0000h) ... RW
15-10 Select Signal Output to LED Pins........... default = 0
9-5
Select Signal Output to MII Pins ............ default = 0
4
Speedup Flags in NwayTxSm.................. default = 0
3
Speedup Tx10Flag in TxAct10................ default = 0
2
Speedup NLPMaxFlag in Timer............. default = 0
1
Speedup NLPMinFlag in Timer ............. default = 0
0
Speedup StabFlag in MLTStatus............ default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com