Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6103 Datasheet(PDF) 12 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 12 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 8Page - VIA Technologies, Inc. VT6103 Datasheet HTML 9Page - VIA Technologies, Inc. VT6103 Datasheet HTML 10Page - VIA Technologies, Inc. VT6103 Datasheet HTML 11Page - VIA Technologies, Inc. VT6103 Datasheet HTML 12Page - VIA Technologies, Inc. VT6103 Datasheet HTML 13Page - VIA Technologies, Inc. VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. VT6103 Datasheet HTML 15Page - VIA Technologies, Inc. VT6103 Datasheet HTML 16Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1, April 15, 2002
-6-
Pin Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Resets, Clocks, Control and Status
Signal Name
Pin #
I/O
Signal Description
XI
46
I
Crystal In. Connect to 25 MHz crystal and to 22pF 5% to GNDOSC. Can alternately be
driven by an external clock source (3.3V voltage swing) with XO unconnected.
XO
45
O
Crystal Feedback. Connect to other side of 25 MHz crystal and to 22pF 5% to GNDOSC
BYPOSC / RXDV
9I
Bypass Oscillator. Connect to pullup to use an external oscillator instead of a crystal.
REXT
37
A
External Resistor. Connect 6.49K 1% resistor to GNDOSC.
SD /FXEN
34
I
Signal Detect. Used in fiber mode.
PD#
30
I
Power Down. Active low.
RESET#
48
I
Reset. Active low. Schmitt input for improved noise immunity..
Power and Ground
Signal Name
Pin #
I/O
Signal Description
VDD
7, 24
P
Digital I/O Power. 3.3V nominal (3.15V to 3.45V). For digital I/O
GND
8, 23
P
Ground. Connect to primary motherboard ground plane.
VCC
13
P
Core Power. 3.3V nominal (3.15V to 3.45V). For internal digital logic.
GND
12
P
Core Ground. Connect to primary motherboard ground plane.
VCCOSC
47
P
Oscillator Power. 3.3V. Isolate from digital supply voltage with a ferrite bead
GNDOSC
44
P
Oscillator Ground. Connect to primary motherboard ground plane.
VCCRX
31
P
Receiver Power. 3.3V. Isolate from digital supply voltage with a ferrite bead
GNDRX
35
P
Receiver Ground. Connect to primary motherboard ground plane.
VCCTX
42
P
Transmitter Power. 3.3V. Isolate from digital supply voltage with a ferrite bead
GNDTX
43
P
Transmitter Ground. Connect to primary motherboard ground plane.
GNDTXC
39
P
Transmit Clock Ground. Connect to primary motherboard ground plane.
VCCPLL
38
P
PLL Power. 3.3V. Isolate from digital supply voltage with a ferrite bead
GNDPLL
36
P
PLL Ground. Connect to primary motherboard ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com