Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6103 Datasheet(PDF) 10 Page - VIA Technologies, Inc.

Part # VT6103
Description  Fast Ethernet 10 / 100 1-Port PHY / Transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT6103 Datasheet(HTML) 10 Page - VIA Technologies, Inc.

Back Button VT6103 Datasheet HTML 6Page - VIA Technologies, Inc. VT6103 Datasheet HTML 7Page - VIA Technologies, Inc. VT6103 Datasheet HTML 8Page - VIA Technologies, Inc. VT6103 Datasheet HTML 9Page - VIA Technologies, Inc. VT6103 Datasheet HTML 10Page - VIA Technologies, Inc. VT6103 Datasheet HTML 11Page - VIA Technologies, Inc. VT6103 Datasheet HTML 12Page - VIA Technologies, Inc. VT6103 Datasheet HTML 13Page - VIA Technologies, Inc. VT6103 Datasheet HTML 14Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
VT6103 - Fast Ethernet 10 / 100 PHY / Transceiver
Revision 1.1, April 15, 2002
-4-
Pin Descriptions
Technologies, Inc.
We Connect
We Connect
We Connect
We Connect
Pin Descriptions
Table 2. Pin Descriptions
Management Interface (MI)
Signal Name
Pin #
I/O
Signal Description
MDIO
1IO
Management Interface (MI) Data I/O. Received from the external MAC.
MDC
2I
Management Interface (MI) Clock.
Received from the external MAC as a timing
reference for MDIO
INT# / PHYAD0
25
O
Management Interface (MI) Interrupt Out. Active low.
Media Independent Interface (MII)
Signal Name
Pin #
I/O
Signal Description
RXC
10
O
Receive Clock.
Timing reference for transfer of RXD and RXDV.
25 MHz when
operating at 100 Mbps and 2.5 MHz when operating at 10 Mbps (always active).
RXD3 / PHYAD1,
RXD2 / PHYAD2,
RXD1 / PHYAD3,
RXD0 / PHYAD4
3
4
5
6
O
Receive Data. These bits transition with RXC. RXD[3:0] should accepted by the external
MAC for each RXC period in which RXDV is asserted. RXD0 is the least significant bit.
While RXDV is de-asserted, RXD[3:0] have no effect upon the switch’s MAC and the
value of RXD[3:0] is unspecified.
RXDV / BYPOSC
9O
Receive Data Valid. RXDV is driven to indicate that nibbles are being presented on the
MII for receiving. RXDV transitions synchronous to RXC. It is asserted synchronously
with the first nibble of the preamble and remains asserted while all nibbles to be received
are presented to the MII.
RXER /ISO
11
O
Receive Error. The VT6103 asserts this output when it receives invalid symbols from the
network
TXC
15
O
Transmit Clock.
Timing reference for transfer of TXD and TXEN.
25MHz when
operating at 100 Mbps and 2.5 MHz when operating at 10 Mbps (always active).
TXD[3-0]
20, 19,
18, 17
I
Transmit Data. These bits transition relative to TXC. TXD[3:0] are accepted from the
external MAC for each TXC period in which TXEN is asserted.
TXD0 is the least
significant bit. While TXEN is de-asserted, TXD[3:0] have no effect and the value of
TXD[3:0] is unspecified.
TXEN
16
I
Transmit Enable.
Indicates transmit active from the MII port.
TXEN transitions
synchronous to TXC. TXEN indicates that the nibbles presented on TXD[3-0] are valid
for transmission. TXEN is asserted synchronously with the first nibble of the preamble
and remains asserted while all nibbles to be transmitted are presented to the MII interface.
TXER
14
I
Transmit Error. The MAC asserts this input when an error has occurred in the input
stream.
COL /SYMB
21
O
Collision Detect. Asserted asynchronously upon detection of a collision on the medium
and remains asserted while the collision condition persists.
CRS /RPTR
22
O
Carrier Sense. Asserted asynchronously upon detection of a non-idle medium or while
TXEN is asserted. Deasserted asynchronously upon detection of idle conditions on both
transmit and receive media.
Remains asserted throughout the duration of a collision
condition.
Physical Cable Connection
Signal Name
Pin #
I/O
Signal Description
TX+
41
O
Transmit Plus. Differential outputs for FX, 100BaseTx, or 10BaseT transmission.
TX–
40
O
Transmit Minus. Differential outputs for FX, 100BaseTx, or 10BaseT transmission.
RX+
33
I
Receive Plus. Differential inputs for FX, 100BaseTx, or 10BaseT reception.
RX–
32
I
Receive Minus. Differential inputs for FX, 100BaseTx, or 10BaseT reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com