Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8577C Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8577C Datasheet HTML 3Page - NXP Semiconductors PCF8577C Datasheet HTML 4Page - NXP Semiconductors PCF8577C Datasheet HTML 5Page - NXP Semiconductors PCF8577C Datasheet HTML 6Page - NXP Semiconductors PCF8577C Datasheet HTML 7Page - NXP Semiconductors PCF8577C Datasheet HTML 8Page - NXP Semiconductors PCF8577C Datasheet HTML 9Page - NXP Semiconductors PCF8577C Datasheet HTML 10Page - NXP Semiconductors PCF8577C Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1998 Jul 30
7
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
6.5
Direct drive mode
The PCF8577C is set to the direct drive mode by loading
the MODE control bit with logic 0. In this mode only four
bytes are required to store the data for the 32 segment
drivers. Setting the BANK bit to logic 0 selects even bytes
(BANK A), setting the BANK bit to logic 1 selects odd bytes
(BANK B).
In the direct drive mode the SBV is auto-incremented by
two after the loading of each segment byte register. This
means that auto-incremented loading of BANK A or
BANK B is possible. Either bank may be completely or
partially loaded irrespective of which bank is being
displayed. Direct drive output waveforms are shown in
Fig.4.
6.6
Duplex mode
The PCF8577C is set to the duplex mode by loading the
MODE bit with logic 1. In this mode a second backplane
signal (BP2) is needed and pin A2/BP2 is used for this;
therefore A2 and its equivalent SBV bit V5 are undefined.
The SBV auto-increments by one between loaded bytes.
All of the segment bytes are required to store data for the
32 segment drivers and the BANK bit is ignored.
Duplex mode output waveforms are shown in Fig.5.
Fig.5 Duplex mode display output waveforms.
Von(rms) = 0.791 (VDD − VSS); Voff(rms) = 0.354 (VDD − VSS).
V
on rms
()
V
off rms
()
-----------------------
2.236
=
MGA738
VDD
VSS
SS
DD
0.5 (V
V
)
SS
DD
0.5 (V
V
)
VDD
VSS
SS
DD
0.5 (V
V
)
VDD
VSS
SS
DD
V
V
0
SS
DD
0.5 (V
V
)
SS
DD
(V
V
)
SS
DD
0.5 (V
V
)
SS
DD
V
V
0
SS
DD
0.5 (V
V
)
SS
DD
(V
V
)
BP2
Sx
BP1
Sx
Segment x
(Sx)
BP1
BP2
1
f
LCD
OFF / OFF
ON / OFF
OFF / ON
ON / ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com