Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8577C Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8577C Datasheet HTML 17Page - NXP Semiconductors PCF8577C Datasheet HTML 18Page - NXP Semiconductors PCF8577C Datasheet HTML 19Page - NXP Semiconductors PCF8577C Datasheet HTML 20Page - NXP Semiconductors PCF8577C Datasheet HTML 21Page - NXP Semiconductors PCF8577C Datasheet HTML 22Page - NXP Semiconductors PCF8577C Datasheet HTML 23Page - NXP Semiconductors PCF8577C Datasheet HTML 24Page - NXP Semiconductors PCF8577C Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1998 Jul 30
21
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
14 PACKAGE OUTLINES
UNIT
A
max.
1
2
b1
cD
E
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
SOT129-1
92-11-17
95-01-14
A
min.
A
max.
b
Z
max.
w
M E
e 1
1.70
1.14
0.53
0.38
0.36
0.23
52.50
51.50
14.1
13.7
3.60
3.05
0.254
2.54
15.24
15.80
15.24
17.42
15.90
2.25
4.7
0.51
4.0
0.067
0.045
0.021
0.015
0.014
0.009
2.067
2.028
0.56
0.54
0.14
0.12
0.01
0.10
0.60
0.62
0.60
0.69
0.63
0.089
0.19
0.020
0.16
051G08
MO-015AJ
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
40
1
21
20
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
(1)
DIP40: plastic dual in-line package; 40 leads (600 mil)
SOT129-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com