Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8577C Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8577C Datasheet HTML 8Page - NXP Semiconductors PCF8577C Datasheet HTML 9Page - NXP Semiconductors PCF8577C Datasheet HTML 10Page - NXP Semiconductors PCF8577C Datasheet HTML 11Page - NXP Semiconductors PCF8577C Datasheet HTML 12Page - NXP Semiconductors PCF8577C Datasheet HTML 13Page - NXP Semiconductors PCF8577C Datasheet HTML 14Page - NXP Semiconductors PCF8577C Datasheet HTML 15Page - NXP Semiconductors PCF8577C Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1998 Jul 30
12
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Reduce by 7.7 mW/K when Tamb >60 °C.
9
HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe it is
desirable to take normal precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC12
under
“Handling MOS Devices”.
10 DC CHARACTERISTICS
VDD = 2.5 to 6 V; VSS =0V; Tamb = −40 to 85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+8.0
V
VI
input voltage on pin
−0.5
VDD + 0.5
V
IDD; ISS
VDD or VSS current
−50
+50
mA
II
DC input current
−20
+20
mA
IO
DC output current
−25
+25
mA
Ptot
power dissipation per package
note 1
−
500
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
Supply
VDD
supply voltage
2.5
−
6V
IDD
supply current for
non-specified inputs at VDD or
VSS
no load; fSCL = 100 kHz;
Rosc =1MΩ;
Cosc = 680 pF
50
125
µA
no load; fSCL =0;
Rosc =1MΩ;
Cosc = 680 pF
−
25
75
µA
no load; fSCL =0;
Rosc =1MΩ;
Cosc = 680 pF; VDD =5V;
Tamb =25 °C
−
25
40
µA
no load; fSCL = 0; direct
mode; A0/OSC = VDD;
VDD =5V; Tamb =25 °C
−
10
20
µA
VPOR
power-on reset level
note 2
−
1.1
2.0
V
Input A0
VIL(A0)
LOW-level input voltage
0
−
0.05
V
VIH(A0)
HIGH-level input voltage
VDD − 0.05
−
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com