Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8577C Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF8577C
Description  LCD direct/duplex driver with I2C-bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8577C Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF8577C Datasheet HTML 15Page - NXP Semiconductors PCF8577C Datasheet HTML 16Page - NXP Semiconductors PCF8577C Datasheet HTML 17Page - NXP Semiconductors PCF8577C Datasheet HTML 18Page - NXP Semiconductors PCF8577C Datasheet HTML 19Page - NXP Semiconductors PCF8577C Datasheet HTML 20Page - NXP Semiconductors PCF8577C Datasheet HTML 21Page - NXP Semiconductors PCF8577C Datasheet HTML 22Page - NXP Semiconductors PCF8577C Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
1998 Jul 30
19
Philips Semiconductors
Product specification
LCD direct/duplex driver with
I2C-bus interface
PCF8577C
13 CHIP DIMENSIONS AND BONDING PAD LOCATIONS
Fig.18 Bonding pad locations.
Chip area = 4.62 mm2.
Thickness = 381
±25 µm.
n-substrate (back) connected to VDD.
Bonding pad dimensions = 110
µm × 110 µm.
handbook, full pagewidth
MGA726
VDD
A2/BP2
BP1
S27
S26
S25
S24
S23
S22
S21
S20
S19
S18
S1
S2
S3
S4
S5
S6
S7
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
54
3
2
1
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
24
25
2.31
mm
2 mm
PCF8577C
x
y
0
0
handbook, halfpage
MBE924
Fig.19 Reference marks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com