Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290P Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 59Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 60Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 61Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 62Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 63Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 64Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 65Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 66Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 360 page
background image
63
8021A–AVR–12/06
ATmega329P/3290P
11.3.4
PCMSK3 – Pin Change Mask Register 3
• Bit 6:0 – PCINT30:24: Pin Change Enable Mask 30..24
Each PCINT30:24-bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT30:24 is set and the PCIE3 bit in EIMSK is set, pin change interrupt is enabled on
the corresponding I/O pin. If PCINT30:24 is cleared, pin change interrupt on the corresponding
I/O pin is disabled.
11.3.5
PCMSK2 – Pin Change Mask Register 2
(1)
• Bit 7:0 – PCINT23:16: Pin Change Enable Mask 23:16
Each PCINT23:16 bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT23:16 is set and the PCIE2 bit in EIMSK is set, pin change interrupt is enabled on
the corresponding I/O pin. If PCINT23:16 is cleared, pin change interrupt on the corresponding
I/O pin is disabled.
Note:
1. PCMSK3 and PCMSK2 are only present in ATmega3290P.
11.3.6
PCMSK1 – Pin Change Mask Register 1
• Bit 7:0 – PCINT15:8: Pin Change Enable Mask 15:8
Each PCINT15:8-bit selects whether pin change interrupt is enabled on the corresponding I/O
pin. If PCINT15:8 is set and the PCIE1 bit in EIMSK is set, pin change interrupt is enabled on the
corresponding I/O pin. If PCINT15:8 is cleared, pin change interrupt on the corresponding I/O
pin is disabled.
11.3.7
PCMSK0 – Pin Change Mask Register 0
• Bit 7:0 – PCINT7:0: Pin Change Enable Mask 7:0
Each PCINT7:0 bit selects whether pin change interrupt is enabled on the corresponding I/O pin.
If PCINT7:0 is set and the PCIE0 bit in EIMSK is set, pin change interrupt is enabled on the cor-
responding I/O pin. If PCINT7:0 is cleared, pin change interrupt on the corresponding I/O pin is
disabled.
Bit
765432
10
(0x73)
–
PCINT30
PCINT29
PCINT28
PCINT27
PCINT26
PCINT25
PCINT24
PCMSK3
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000000
00
Bit
7
65
43
2
1
0
(0x6D)
PCINT23
PCINT22
PCINT21
PCINT20
PCINT19
PCINT18
PCINT17
PCINT16
PCMSK2
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
765432
10
(0x6C)
PCINT15
PCINT14
PCINT13
PCINT12
PCINT11
PCINT10
PCINT9
PCINT8
PCMSK1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000000
00
Bit
7
654
3
210
(0x6B)
PCINT7
PCINT6
PCINT5
PCINT4
PCINT3
PCINT2
PCINT1
PCINT0
PCMSK0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com