Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290P Datasheet(PDF) 86 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 86 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 82Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 83Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 84Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 85Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 86Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 87Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 88Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 89Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 90Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 360 page
background image
86
8021A–AVR–12/06
ATmega329P/3290P
SEG, LCD front plane 8.
• PCINT17/SEG – Port H, Bit 1
PCINT17, Pin Change Interrupt Source 17: The P1 pin can serve as an external interrupt
source.
SEG, LCD front plane 9.
• PCINT16/SEG – Port H, Bit 0
PCINT16, Pin Change Interrupt Source 16: The PH0 pin can serve as an external interrupt
source.
SEG, LCD front plane 10.
Table 12-25 and Table 12-26 relates the alternate functions of Port H to the overriding signals
shown in Figure 12-5 on page 70.
Table 12-25. Overriding Signals for Alternate Functions in PH7:4
Signal Name
PH7/PCINT23/
SEG36
PH6/PCINT22/
SEG37
PH5/PCINT21/
SEG38
PH4/PCINT20/
SEG39
PUOE
LCDEN
LCDEN
LCDEN
LCDEN
PUOV
0000
DDOE
LCDEN
LCDEN
LCDEN
LCDEN
DDOV
0000
PVOE
0000
PVOV
0000
PTOE
––––
DIEOE
PCINT23 • PCIE0
•LCDEN • LCDPM
PCINT22 • PCIE0
•LCDEN • LCDPM
PCINT21 • PCIE0
•LCDEN • LCDPM
PCINT20 • PCIE0
•LCDEN • LCDPM
DIEOV
DI
PCINT23 INPUT
PCINT22 INPUT
PCINT21 INPUT
PCINT20 INPUT
AIO
LCDSEG
LCDSEG
LCDSEG
LCDSEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com