Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290P Datasheet(PDF) 44 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 40Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 41Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 42Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 43Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 44Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 45Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 46Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 47Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 360 page
background image
44
8021A–AVR–12/06
ATmega329P/3290P
The BODS bit is active three clock cycles after it is set. A sleep instruction must be executed
while BODS is active in order to turn off the BOD for the actual sleep mode. The BODS bit is
automatically cleared after three clock cycles.
• Bit 5 – BODSE: BOD Sleep Enable
BODSE enables setting of BODS control bit, as explained in BODS bit description. BOD disable
is controlled by a timed sequence.
8.10.3
PRR – Power Reduction Register
• Bits 7, 6, 5 - Res: Reserved bits
These bits are reserved bits in ATmega329P/3290P and will always read as zero.
• Bit 4 - PRLCD: Power Reduction LCD
Writing logic one to this bit shuts down the LCD controller. The LCD controller must be disabled
and the display discharged before shut down. See "Disabling the LCD" on page 217 for details
on how to disable the LCD controller.
• Bit 3 - PRTIM1: Power Reduction Timer/Counter1
Writing logic one to this bit shuts down the Timer/Counter1 module. When Timer/Counter1 is
enabled, operation will continue like before the shutdown.
• Bit 2 - PRSPI: Power Reduction Serial Peripheral Interface
Writing logic one to this bit shuts down the Serial Peripheral Interface by stopping the clock to
the module. When waking up the SPI again, the SPI should be re-initialized to ensure proper
operation.
• Bit 1 - PRUSART: Power Reduction USART
Writing logic one to this bit shuts down the USART by stopping the clock to the module. When
waking up the USART again, the USART should be re-initialized to ensure proper operation.
• Bit 0 - PRADC: Power Reduction ADC
Writing logic one to this bit shuts down the ADC. The ADC must be disabled before shut down.
The analog comparator cannot use the ADC input MUX when the ADC is shut down.
Note:
The Analog Comparator is disabled using the ACD-bit in the ”ACSR – Analog Comparator Control
and Status Register” on page 210.
Bit
765
4
3
2
1
0
(0x64)
–
–
–
PRLCD
PRTIM1
PRSPI
PRUSART0
PRADC
PRR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com