Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATMEGA3290P Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290P Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ATMEGA3290P Datasheet HTML 28Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 29Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 30Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 31Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 32Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 33Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 34Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 35Page - ATMEL Corporation ATMEGA3290P Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 360 page
background image
32
8021A–AVR–12/06
ATmega329P/3290P
Figure 7-3.
Crystal Oscillator Connections
Table 7-6.
Low-frequency Crystal Oscillator Internal load Capacitance
Crystals specifying load capacitance (CL) higher than 6 pF, require external capacitors applied
as described in Figure 7-2 on page 30.
To find suitable load capacitance for a 32.768 kHz crystal, please consult the crystal datasheet.
The Low-frequency Crystal Oscillator must be selected by setting the CKSEL Fuses to “0110” or
“0111” as shown in Table 7-8. Start-up times are determined by the SUT Fuses as shown in
Table 7-7.
Note:
1. This option should only be used if frequency stability at start-up is not important for the
application
7.6
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8 MHz clock. Though voltage and
temperature dependent, this clock can be very accurately calibrated by the user. The device is
shipped with the CKDIV8 Fuse programmed. See ”System Clock Prescaler” on page 35 for
more details.
This clock may be selected as the system clock by programming the CKSEL Fuses as shown in
Table 7-9 on page 33. If selected, it will operate with no external components. During reset,
hardware loads the pre-programmed calibration value into the OSCCAL Register and thereby
Min. (pF)
Typ. (pF)
Max. (pF)
TBD
6
TBD
Table 7-7.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1..0
Additional Delay from Reset (VCC = 5.0V)
Recommended Usage
00
4 CK
Fast rising power or BOD enabled
01
4 CK + 4.1 ms
Slowly rising power
10
4 CK + 65 ms
Stable frequency at start-up
11
Reserved
Table 7-8.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL3..0
Start-up Time from
Power-down and Power-save
Recommended Usage
0110(1)
1K CK
0111
32K CK
Stable frequency at start-up
XTAL2 (TOSC2)
XTAL1 (TOSC1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com