Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK2010R
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK2010R Datasheet HTML 2Page - NXP Semiconductors PCK2010R Datasheet HTML 3Page - NXP Semiconductors PCK2010R Datasheet HTML 4Page - NXP Semiconductors PCK2010R Datasheet HTML 5Page - NXP Semiconductors PCK2010R Datasheet HTML 6Page - NXP Semiconductors PCK2010R Datasheet HTML 7Page - NXP Semiconductors PCK2010R Datasheet HTML 8Page - NXP Semiconductors PCK2010R Datasheet HTML 9Page - NXP Semiconductors PCK2010R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
6
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to VSS (VSS = 0 V)
SYMBOL
PARAMETER
CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VDD3
DC 3.3 V core supply voltage
–0.5
+4.6
V
VDDQ3
DC 3.3 V I/O supply voltage
–0.5
+4.6
V
VDDQ2
DC 2.5 V I/O supply voltage
–0.5
+3.6
V
IIK
DC input diode current
VI < 0
–50
mA
VI
DC input voltage
Note 2
–0.5
5.5
V
IOK
DC output diode current
VO > VCC or VO < 0
±50
mA
VO
DC output voltage
Note 2
–0.5
VCC + 0.5
V
IO
DC output source or sink current
VO = 0 to VCC
±50
mA
TSTG
Storage temperature range
–65
+150
°C
PTOT
Power dissipation per package
plastic medium-shrink (SSOP)
For temperature range: –40 to +125
°C
above +55
°C derate linearly with 11.3mW/K
850
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD3V
DC 3.3 V core supply voltage
3.135
3.465
V
VDD25V
DC 2.5 V I/O supply voltage
2.375
2.625
V
Capacitive load on:
CPUCLK
1 device load, possible 2 loads
10
20
pF
PCICLK
Must meet PCI 2.1 requirements
10
30
pF
CL
CPUDIV2
1 device load, possible 2 loads
10
20
pF
CL
3V66
1 device load, possible 2 loads
10
30
pF
48 MHz clock USB
1 device load
10
20
pF
REF
1 device load
10
20
pF
IOAPIC
1 device load
10
20
pF
VI
DC input voltage range
0
VDD3V
V
VO
DC output voltage range
0
VDD25V
VDD3V
V
fREF
Reference frequency, oscillator nominal value
14.31818
14.31818
MHz
Tamb
Operating ambient temperature range in free air
0
+70
°C
POWER MANAGEMENT
CK133
CONDITION
MAXIMUM 2.5V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAP LOADS,
VDD25V = 2.625 V
ALL STATIC INPUTS = VDD3V OR VSS
MAXIMUM 3.3V SUPPLY CONSUMPTION
MAXIMUM DISCRETE CAP LOADS,
VDD25V= 3.465 V
ALL STATIC INPUTS = VDD3V OR VSS
Power-down mode
(PWRDWN = 0)
100
µA
200
µA
Full active 100 MHz
SEL133/100# = 0
SEL1, 0 = 1 1
CPUSTOP, PCISTOP = 1
80 mA
160 mA
Full active 133 MHz
SEL133/100# = 1
SEL1, 0 = 1 1
CPUSTOP, PCISTOP = 1
90 mA
160 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com