Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010R Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCK2010R
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010R Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCK2010R Datasheet HTML 9Page - NXP Semiconductors PCK2010R Datasheet HTML 10Page - NXP Semiconductors PCK2010R Datasheet HTML 11Page - NXP Semiconductors PCK2010R Datasheet HTML 12Page - NXP Semiconductors PCK2010R Datasheet HTML 13Page - NXP Semiconductors PCK2010R Datasheet HTML 14Page - NXP Semiconductors PCK2010R Datasheet HTML 15Page - NXP Semiconductors PCK2010R Datasheet HTML 16Page - NXP Semiconductors PCK2010R Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
13
CPUCLK
@133MHz
1.5V
1.25V
VDDQ2
VSS
VDDQ3
VSS
THPOFFSET
SW00354
3v66
@66MHz
CPU leads 3V66
Figure 1. CPUCLK to 3V66 offset
1.5V
1.5V
PCICLK
@ 33MHz
VDDQ3
VSS
VDDQ3
VSS
THPOFFSET
SW00356
3V66 leads PCICLK
3V66
@ 66MHz
Figure 2. 3V66 to PCI offset
CPUCLK
@ 133MHz
1.25V
1.25V
IOAPIC
@ 16.6MHz
VDDQ2
VSS
VDDQ2
VSS
THPOFFSET
SW00357
CPUCLK leads IOAPIC
Figure 3. CPU to IOAPIC offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com