Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010R Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCK2010R
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010R Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCK2010R Datasheet HTML 10Page - NXP Semiconductors PCK2010R Datasheet HTML 11Page - NXP Semiconductors PCK2010R Datasheet HTML 12Page - NXP Semiconductors PCK2010R Datasheet HTML 13Page - NXP Semiconductors PCK2010R Datasheet HTML 14Page - NXP Semiconductors PCK2010R Datasheet HTML 15Page - NXP Semiconductors PCK2010R Datasheet HTML 16Page - NXP Semiconductors PCK2010R Datasheet HTML 17Page - NXP Semiconductors PCK2010R Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
14
THKP
DUTY CYCLE
THKH
TRISE
TFALL
THKL
TPKP
TPKH
TRISE
TFALL
TPKL
2.5V CLOCKING
INTERFACE
3.3V CLOCKING
INTERFACE
(TTL)
2.0
1.25
0.4
2.4
1.5
0.4
SW00242
Figure 4. 2.5V/3.3V clock waveforms
VDDQ2
2.5VOLT MEASURE POINTS
VOH = 2.0V
VIH = 1.7V
1.25V
VIL = 0.7V
VOL = 0.4V
VSS
SYSTEM
MEASUREMENT
POINTS
VDDQ3
3.3VOLT MEASURE POINTS
VOH = 2.4V
VIH = 2.0V
1.5V
VIL = 0.7V
VOL = 0.4V
VSS
COMPONENT
MEASUREMENT
POINTS
SYSTEM
MEASUREMENT
POINTS
COMPONENT
MEASUREMENT
POINTS
SW00243
Figure 5. Component versus system measure points
tPLZ
tPZL
VI
SEL133/100,
SEL1, SEL0
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00454



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com