Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2010R Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2010R
Description  CK98R 100/133MHz RCC spread spectrum system clock generator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2010R Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2010R Datasheet HTML 7Page - NXP Semiconductors PCK2010R Datasheet HTML 8Page - NXP Semiconductors PCK2010R Datasheet HTML 9Page - NXP Semiconductors PCK2010R Datasheet HTML 10Page - NXP Semiconductors PCK2010R Datasheet HTML 11Page - NXP Semiconductors PCK2010R Datasheet HTML 12Page - NXP Semiconductors PCK2010R Datasheet HTML 13Page - NXP Semiconductors PCK2010R Datasheet HTML 14Page - NXP Semiconductors PCK2010R Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
PCK2010R
CK98R (100/133MHz) RCC spread spectrum
system clock generator
1999 Oct 19
11
SPREAD SPECTRUM FUNCTION TABLE
SPREAD#
SEL133/100#
SEL1
SEL0
F nction
48 MHz PLL
pin 34
pin 28
pin 33
pin 32
Function
48 MHz PLL
0 (active)
0 (100 MHz)
0
0
3-State to High Impedance
Inactive
0 (active)
0 (100 MHz)
0
1
100 MHz, Center Spread
±0.5%
Active
0 (active)
0 (100 MHz)
1
0
100 MHz, Down Spread – 0.5%
Inactive
0 (active)
0 (100 MHz)
1
1
100 MHz, Down Spread – 0.5%
Active
0 (active)
1 (133 MHz)
0
0
Test Mode
Active
0 (active)
1 (133 MHz)
0
1
133 MHz, Center Spread
±0.5%
Active
0 (active)
1 (133 MHz)
1
0
133 MHz, Down Spread – 0.5%
Inactive
0 (active)
1 (133 MHz)
1
1
133 MHz, Down Spread – 0.5%
Active
1 (inactive)
0 (100 MHz)
0
0
3-State to High Impedance
Inactive
1 (inactive)
0 (100 MHz)
0
1
100 MHz, No Center Spread
±0.5%
Active
1 (inactive)
0 (100 MHz)
1
0
100 MHz, No Down Spread – 0.5%
Inactive
1 (inactive)
0 (100 MHz)
1
1
100 MHz, No Down Spread – 0.5%
Active
1 (inactive)
1 (133 MHz)
0
0
Test Mode
Active
1 (inactive)
1 (133 MHz)
0
1
133 MHz, No Center Spread
±0.5%
Active
1 (inactive)
1 (133 MHz)
1
0
133 MHz, No Down Spread – 0.5%
Inactive
1 (inactive)
1 (133 MHz)
1
1
133 MHz, No Down Spread – 0.5%
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com