Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCK2011
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCK2011 Datasheet HTML 3Page - NXP Semiconductors PCK2011 Datasheet HTML 4Page - NXP Semiconductors PCK2011 Datasheet HTML 5Page - NXP Semiconductors PCK2011 Datasheet HTML 6Page - NXP Semiconductors PCK2011 Datasheet HTML 7Page - NXP Semiconductors PCK2011 Datasheet HTML 8Page - NXP Semiconductors PCK2011 Datasheet HTML 9Page - NXP Semiconductors PCK2011 Datasheet HTML 10Page - NXP Semiconductors PCK2011 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
8
Table 4. AC DEVICE CHARACTERISTICS
Symbol
Parameter
Min
Max
Unit
tCYCLE
Clock cycle time
2.5
3.75
ns
tJ
Cycle-to-cycle jitter at Clk/ClkB
60
ps
tJ
Total jitter over 2, 3, or 4 clock cycles1
100
ps
tSTEP
Phase Aligner phase step size (at Clk/ClkB)
1
ps
tERR,PD
Phase Detector phase error for distributed loop Measured at PclkM-SynClkN (rising edges) (does not
include clock jitter)
– 100
100
ps
tERR,SSC
PLL output Phase error when tracking SSC
– 100
100
ps
DC
Output duty cycle over 10,000 cycles
40%
60%
tCYCLE
tDC,ERR
Output cycle-to-cycle duty cycle error
50
ps
tCR , tCF
Output rise and fall times (measured at 20% – 80% of output voltage)
250
500
ps
tCR,CF
Difference between rise and fall times on a single device (20% – 80%)
100
ps
VX, stop
Output voltage during Clkstop (StopB = 0)
1.1
2.0
V
VX
Differential output crossing-point voltage
1.3
1.8
V
VCOS
Output voltage swing (p-p single-ended)
0.4
0.6
V
VOH
Output HIGH voltage
2.0
V
VOL
Output LOW voltage
1.0
V
ROUT
Output dynamic resistance (at pins)
12
50
IOZ
Output current during Hi-Z (S0 = 0, S1 = 1)
50
µA
IOZ, stop
Output current during ClkStop (StopB = 0)
500
µA
Ipowerdown
Current on powerdown (PwrDnB = 0)
200
µA
IClkStop
Current on ClkStop (StopB = 0)
50
mA
Inormal
Current on normal state (StopB = 1)
100
mA
NOTE:
1. Output jitter specs measured at tCYCLE = 2.5ns.
2. VCOS = VOH – VOL
3. Rout = ∆VO/∆IO; this is defined at the output pins.
Table 5. DRCG FUNCTIONS
REFCLK
MULT0
MULT1
PLL
CLK/CLKB
MODE
S0
S1
S2
CLK
CLKB
pin2
pin15
pin14
multiplier
pins 20/18
pin 24
pin 23
pin 13
pin 20
pin 18
33
1
1
8
267
Normal
0
0
0
PAclk
PAclk
50
0
1
6
300
Bypass
1
0
0
PLLclk
PLLclk
50
1
1
8
400
Test
1
1
0
Refclk
Refclk
67
0
0
4
267
Vendor Test A
0
0
1
67
0
1
6
400
Vendor Test B
1
0
1
100
1
0
8/3
267
Reserved
1
1
1
Output Test
0
1
x
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com