Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK2011
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK2011 Datasheet HTML 1Page - NXP Semiconductors PCK2011 Datasheet HTML 2Page - NXP Semiconductors PCK2011 Datasheet HTML 3Page - NXP Semiconductors PCK2011 Datasheet HTML 4Page - NXP Semiconductors PCK2011 Datasheet HTML 5Page - NXP Semiconductors PCK2011 Datasheet HTML 6Page - NXP Semiconductors PCK2011 Datasheet HTML 7Page - NXP Semiconductors PCK2011 Datasheet HTML 8Page - NXP Semiconductors PCK2011 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
4
This configuration achieves frequency-lock between the controller
and Rambus Channel clocks (PCLK and SYNCLK). These clock
signals are matched and phase-aligned at the RMC/RAC boundary
in order to allow data transfers to occur across this boundary without
additional latency.
The main clock source drives the system clock (PCLK) to the ASIC,
and also drives the reference clock (REFCLK) to the DRCG.
REFCLK may or may not be the same frequency as PCLK. A PLL
inside the DRCG multiplies REFCLK to generate the desired
frequency for BUSCLK. BUSCLK is driven on the Rambus Channel
through a terminated transmission line. At the mid-point of the
Channel, the RAC senses BUSCLK using its own DLL for clock
alignment, followed by a fixed divide-by- 4 circuit that generates
SYNCLK.
Pclk is the clock used in the Rambus memory controller (RMC) in
the ASIC. SYNCLK is the clock used at the ASIC interface of the
RAC. The DRCG together with the Gear Ratio Logic enables the
controller to exchange data directly from the PCLK domain to the
SYNCLK domain without incurring additional latency for
synchronization. In general, PCLK and SYNCLK can run at different
frequencies, so the Gear Ratio Logic must select the appropriate M
and N dividers such that the frequencies of PCLK/M and SYNCLK/N
are equal. In one example, PCLK=133MHz and SYNCLK=100MHz,
and M=4 while N=3, giving PCLK/M = SYNCLK/N = 33MHz. Figure
4 shows an example of the clock waveforms generated with the
Gear Ratio Logic.
PCK2010
Direct Rambus
Clock Generator
(DRCG)
Gear Ratio-
Logic
/4
DLL
MN
BUSCLK
REFCLK
RMC
PCLK
SYNCLK
RAC
RDRAMs
CONTROLLER
SW00290
Figure 1. System Clock Architecture
The ASIC drives the output clocks, Pclk and SynClk/N from the
Gear Ratio Logic to the DRCG Phase Detector inputs. The routing
of the Pclk/M and SynClk/N signal traces must be matched in
impedance and propagation delay on the ASIC as well as on the
board. These signals are not part of the Rambus Channel and their
routing must be matched by board designers.
After comparing the phases of Pclk/M and SynClk/N, the DRCG
Phase Detector drives a phase aligner that adjusts the phase of
DRCG output clock, Busclk. Since the other elements in the
distributed loop have a fixed delay, adjusting Busclk adjusts the
phase of SynClk and thus the phase of SynClk/N.
In this manner, the distributed loop adjusts the phase of SynClk/N to
match that of Pclk/M, eliminating the phase error at the input of the
DRCG. When the clocks are aligned, data can be exchanged
directly from the Pclk domain to the SynClk domain.
The Gear Ratio Logic supports four clock ratios (2.0, 1.5, 1.33, and
1.0), where the ratio is defined as the ratio of Pclk/SynClk. Since
Busclk = 4*SynClk, this ratio also is equal to 4*Pclk/Busclk. Other
ratios could be used, depending on particular system
implementations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com