Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCK2011
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCK2011 Datasheet HTML 1Page - NXP Semiconductors PCK2011 Datasheet HTML 2Page - NXP Semiconductors PCK2011 Datasheet HTML 3Page - NXP Semiconductors PCK2011 Datasheet HTML 4Page - NXP Semiconductors PCK2011 Datasheet HTML 5Page - NXP Semiconductors PCK2011 Datasheet HTML 6Page - NXP Semiconductors PCK2011 Datasheet HTML 7Page - NXP Semiconductors PCK2011 Datasheet HTML 8Page - NXP Semiconductors PCK2011 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
2
1999 Jan 19
Overview
The Direct Rambus Clock Generator (DRCG) provides the Channel
clock signals for a Direct Rambus memory subsystem. It includes
signals to synchronize the Direct Rambus Channel clock to an
external system clock. Contained in a 24-pin SSOP package, the
DRCG provides an off-the-shelf solution for a broad range of Direct
Rambus memory applications.
Features
High Speed Clock Support
Provides a 400MHz differential clock source for Direct Rambus
memory systems for an 800MHz data transfer rate.
Synchronization Flexibility
The DRCG includes signals to synchronize the clock domains of
the Rambus
R Channel with an external system or processor
clock.
Power Management Support
The DRCG is able to turn off the Rambus Channel clock to
minimize power for mobile and other power-sensitive applications:
- In the “clock off” mode, the DRCG remains on while the output
is disabled, allowing fast transitions between the clock-off and
clock-on states. This mode could be used in conjunction with
the Nap mode of the RDRAMs and Rambus ASIC Cell (RAC).
- In the “power down” mode, the DRCG is completely powered
down for minimum power dissipation. This mode is used in
conjunction with the power down modes of the RDRAMs and
RAC.
Supports Independent Channel Clocking
The DRCG supports systems that do not require synchronization
of the Rambus clock to another system clock.
Works with Philips PCK2010 to support Intel CK98 Clock
Synthesizer/Driver specification.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
VDDLR
S0
REFCLK
S1
VDDP
VDDO
GNDP
GNDO
GNDl
CLK
PCLKM
N/C
SYNCLKN
CLKB
GNDC
VDDO
VDDC
GNDO
VDDIPD
MULT0
STOPB
MULT1
S2
SW00289
PWRDNB
Related Documentation
Direct Rambus RAC Overview
Direct Rambus Memory Controller Guide
Pin-outs
The DRCG is packaged in a 24-pin 150 mil SSOP. The pin
configuration shows the preliminary pin-out. Table 1 describes the
function and connection of each pin.
Example System Clock Configuration
Figure 2 shows the clocking configuration for an example Direct
Rambus subsystem. The configuration shows the interconnection of
the system clock source, the Direct Rambus Clock Generator
(DRCG), and the clock signals of a memory controller ASIC. The
ASIC contains the RAC, the Rambus Memory Controller protocol
engine (RMC), and logic to support synchronizing the Channel clock
with the controller clock. (This diagram represents the differential
clocks as a single Busclk wire.)
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DRAWING NUMBER
24-Pin Plastic SSOP
0
°C to +70°C
PCK2011 DL
PCK2011 DL
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com