Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2011 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2011
Description  Direct RAMbus Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2011 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2011 Datasheet HTML 1Page - NXP Semiconductors PCK2011 Datasheet HTML 2Page - NXP Semiconductors PCK2011 Datasheet HTML 3Page - NXP Semiconductors PCK2011 Datasheet HTML 4Page - NXP Semiconductors PCK2011 Datasheet HTML 5Page - NXP Semiconductors PCK2011 Datasheet HTML 6Page - NXP Semiconductors PCK2011 Datasheet HTML 7Page - NXP Semiconductors PCK2011 Datasheet HTML 8Page - NXP Semiconductors PCK2011 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Preliminary specification
PCK2011
Direct Rambus
™ Clock Generator
1999 Jan 19
3
Table 1. PIN DESCRIPTION
Pin
#
Name
Type
Function
Notes
1
VDDLR
RefV
Reference for REFCLK
Connect to CK133
2
REFCLK
In
Reference clock
Connect to CK133
3
VDDP
Pwr
VDD for PLL
3.3V Supply
4
GNDP
GND
GND for PLL
Ground
5
GNDl
GND
GND for control inputs
Ground
6
PCLKM
In
Phase Detector Input
Connect to Controller
7
SYNCLKN
In
Phase Detector Input
Connect to Controller
8
GNDC
GND
GND for Phase Aligner
Ground
9
VDDC
Pwr
VDD for Phase Aligner
3.3V Supply
10
VDDLPD
RefV
Reference for P.D. Inputs
Connect to Controller
11
STOPB
In
Active Low Output Disable
Connect to Controller
12
PWRDnB
In
Active Low power down
3.3V CMOS
13
S2
In
Mode control input
3.3V CMOS
14
MULT1
In
PLL multiplier select
3.3V CMOS
15
MULT0
In
PLL multiplier select
3.3V CMOS
16
VDDO
Pwr
VDD for clock outputs
3.3V Supply
17
GNDO
GND
GND for clock outputs
Ground
18
CLKB
Out
Output Clock (complement)
Connect to Rambus Channel
19
N/C
N/C
Not used
Not connected (floating)
20
CLK
Out
Output Clock
Connect to Rambus Channel
21
GNDO
GND
GND for clock outputs
Ground
22
VDDO
Pwr
VDD for clock outputs
3.3V Supply
23
S1
In
Mode Control
3.3V CMOS
24
S0
In
Mode Control
3.3V CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com