Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 7 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 7 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Warranty
The X695 is covered under Extreme's Universal LLW policy. For warranty
details, see: https://www.extremenetworks.com/support/policies.
Power Cords
In support of the Extreme Networks Green initiatives, power cords can be
ordered separately, but need to be specified at time of ordering.
Optics/Transceivers
For a list of optics/transceivers supported on the X695, refer to our Extreme
Optics Compatibility Tool at https://optics.extremenetworks.com
Maintenance Services
Extreme's maintenance and support services with 100% in-sourced
engineering experts and over 90% first-person resolution ensure efficient
operations of your business- essential network. 24x7x365 phone support,
advanced part replacement, and on-site support augment your staff with
experienced resources that help you mitigate critical network issues fast.
Visit Extreme Maintenance Services for more information.
©2023 Extreme Networks, Inc. All rights reserved. Extreme Networks and the Extreme Networks logo are trademarks or registered trademarks of Extreme Networks,
Inc. in the United States and/or other countries. All other names are the property of their respective owners. For additional information on Extreme Networks
Trademarks please see http://www.extremenetworks.com/company/legal/trademarks. Specifications and product availability are subject to change without notice.
25jul23
www.extremenetworks.com
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com