Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 5 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 5 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Regulatory and Safety
North American ITE
• UL 60950-1
• UL 62368-1
• Complies with FCC 21CFR 1040.10 (U.S. Laser Safety)
• CDRH Letter of Approval (US FDA Approval)
• CAN/CSA 22.2 No. 60950-1
• CAN/CSA No. 22.2 62368-1-14
European ITE
• EN 60950-1, EN 62368-1
• EN 60825-1Class 1 (Lasers Safety)
• 2014 / 35/ EU Low Voltage Directive
International ITE
• CB Report and Certificate per IEC 60950-1
• AS/NZS 60950-1 (Australia /New Zealand)
• IEC 62368-1
• GB 4943.1-2011
• CNS 14336-1
EMI/EMC Standards
North American EMC for ITE
• FCC CFR 47 Part 15 Class A (USA)
• ICES-003 Class A (Canada)
European EMC Standards
• EN 55032 Class A
• EN 55024
• EN 61000-3-2,2014 (Harmonics)
• EN 61000-3-3 2013 (Flicker)
• EN 300 386 v1.6.1 (EMC Telecommunications)
• 2014/30/EU EMC Directive
• EN 55011 Class A
International EMC Certifications
• CISPR 32, Class A (International Emissions)
• AS/NZS CISPR32
• CISPR 24 Class A (International Immunity)
• IEC 61000-4-2 / EN 61000-4-2 Electrostatic Discharge, 8kV
Contact, 15 kV Air, Criteria A
• IEC 61000-4-3 /EN 61000-4-3 Radiated Immunity 10V/m,
Criteria A
• IEC 61000-4-4 / EN 61000-4-4 Transient Burst, 1 kV, Criteria A
• IEC 61000-4-5 /EN 61000-4-5 Surge, 2 kV L-L, 2 kV L-G, Level 3,
Criteria A
• IEC 61000-4-6 Conducted Immunity, 0.15-80 MHz, 10V/m
unmod. RMS, Criteria A
• IEC/EN 61000-4-11 Power Dips and Interruptions, >30%, 25
periods, Criteria C
• IEC 61000-4-8 / EN 61000-4-8
• CISPR 11 Class A
• GB/T 9254-2008
Country Specific
• VCCI Class A (Japan Emissions)
• ACMA RCM (Australia Emissions)
• CCC Mark (China)
• KCC Mark, EMC Approval (Korea)
• EAC Mark (Custom Union)
• NRCS / SABS Mark (South Africa)
• BSMI Mark (Taiwan)
Telecom Standards
• CE 2.0 Compliant
Ordering Notes
Customers ordering an X695 switch receive the base switch along with an ExtremeXOS Advanced Edge software license. Power
supplies, fan modules, power cords, transceiver/optics, and optional Software Feature Packs must be separately ordered. It should be
noted that six (6) fan modules and at least one Power Supply Unit (PSU) are required to operate the X695. A second PSU is required for
power redundancy. Airflow direction of the fan modules and PSU must be the same.
Ordering Information
ExtremeSwitching X695 System and Accessories
Part Number
Product Name
Product Description
X695-48Y-8C
X695-48Y-8C System
X695 system with 48 x 10/25Gbps SFP28 ports, 8 x 100Gbps QSFP28 ports, 8-core CPU,
16GB RAM, 128GB SSD, 4-post rack mount kit, No PSU, No Fans
XN-FAN-001-F
Front to Back Fan
Single Fan module, Front-to-Back Airflow supported on X695
www.extremenetworks.com
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com