Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 1 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 1 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Highlights
• High-Density 25 Gigabit switch for spine/
leaf and aggregation applications
• 48 ports of 10/25 Gigabit Ethernet
connectivity plus 8 ports of 40/100
Gigabit connectivity
• Compact 1U form factor for reduced
power and footprint
• Extreme Integrated Application Hosting
enables third-party applications without
impact to switch performance
• Hot-swappable modular power supplies
and fans
• Front-to-back and back-to-front airflow
options
• AC and DC power supply options
High-performance 10/25 Gigabit Aggregation Switch
The X695 is a purpose-built 48 x 25Gb SFP28 port switch with 8 x 40/100Gb QSFP28
uplinks designed for high-performance enterprise and aggregation applications. The
X695 can support a range of interface speeds, including 1Gb, 10Gb, 25Gb, 40Gb, 50Gb,
and 100Gb, all in a compact 1RU form factor. This enables the X695 to be flexibly
deployed in Enterprise LAN or top-of-rack applications. The following X695 switch
model is available:
X695-48Y-8C
• 48x 1Gb/10Gb/25Gb SFP28 ports
• 8 x 10Gb/25Gb/40Gb/50Gb/100Gb QSFP28 ports
Data Sheet
X695 Series
www.extremenetworks.com
1


Similar Part No. - XN-DCPWR-750W-R

ManufacturerPart #DatasheetDescription
logo
Extreme Networks.
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
182Kb / 7P
Next Generation Secure Data Center and Mobile Edge Leaf Switches
30oct23
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
164Kb / 6P
Next Generation Secure Data Center and Mobile Edge Spine Switch
30oct23
XN-DCPWR-750W-R EXTREMENETWORKS-XN-DCPWR-750W-R Datasheet
229Kb / 9P
High-Performance Fabric-Enabled Core and Aggregation Switches
24jun24
More results

Similar Description - XN-DCPWR-750W-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-138 MACOM-AM-AMC-138 Datasheet
255Kb / 3P
High Performance Amplifier, 25 dB Gain, 10 - 200 MHz
logo
Broadcom Corporation.
BCM5673 BOARDCOM-BCM5673_03 Datasheet
126Kb / 2P
10 GIGABIT ETHERNET/HIGIG MULTILAYER SWITCH
logo
Vitesse Semiconductor C...
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
25-Port Layer 2 Gigabit Ethernet Switch
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
10-Port Layer 2 Gigabit Ethernet Switch
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
Band 25/4 Carrier Aggregation Quadplexer
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Infineon Technologies A...
BGSX28MA18 INFINEON-BGSX28MA18 Datasheet
739Kb / 17P
DP8T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
BGSX210MA18 INFINEON-BGSX210MA18 Datasheet
742Kb / 17P
DP10T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
BGSX212MA18 INFINEON-BGSX212MA18 Datasheet
745Kb / 17P
DP12T Diversity Cross Switch for Carrier Aggregation
Revision 3.1 - 2016-11-03
logo
Adlink Technology Inc.
CPCI-6S10 ADLINK-CPCI-6S10 Datasheet
261Kb / 2P
6U CompactPCI 10 Gigabit Ethernet Switch Blade
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com