Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XN-DCPWR-750W-R Datasheet(PDF) 4 Page - Extreme Networks.

Part # XN-DCPWR-750W-R
Description  High-performance 10/25 Gigabit Aggregation Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTREMENETWORKS [Extreme Networks.]
Direct Link  https://www.extremenetworks.com/
Logo EXTREMENETWORKS - Extreme Networks.

XN-DCPWR-750W-R Datasheet(HTML) 4 Page - Extreme Networks.

  XN-DCPWR-750W-R Datasheet HTML 1Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 2Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 3Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 4Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 5Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 6Page - Extreme Networks. XN-DCPWR-750W-R Datasheet HTML 7Page - Extreme Networks.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
750WAC PSU
XN-ACPWR-750W-F/R
750WDC PSU
XN-DCPWR-750W-F/R
PSU Output Cord
IEC 320 C13
N/A
Operating Conditions
0ºC - 55ºC operation
0ºC - 55ºC operation
Minimum/Maximum Power Consumption and Heat Dissipation
Switch Model Minimum Power Consumption
(W)*
Minimum Heat Dissipation
(BTU/hr)*
Maximum Power Consumption
(W)**
Maximum Heat Dissipation
(BTU/hr)**
X695-48Y-8C
167
553
469
1600
* Idle, no ports linked
** 100% fans, 100% traffic
IEEE 802.3 Media Access Standards
• IEEE 802.3by 25GBASE-X
• IEEE 802.3ba/bm 40GBASE-X and 100GBASE-X
• IEEE 802.3ae 10GBASE-X
Scaling and Performance
• MAC Addresses: 290K
• IPv4 LPM Entries: 128K max w/ALPM
• IPv4 Hosts:
◦
with min LPM IPv4 entries: 180K
◦
with max LPM IPv4 entries: 164K
• IPv6 LPM (/64) Entries: 64K max w/ALPM
• IPv6 Hosts: 56K max
• IP Multicast Groups - 8K
• IP Multicast (s,v,g) entries - 136K max
• Flexible Universal Forwarding Tables (UFT)
• 4092 user-created VLAN/VMANs
• 9216 Byte Max Packet Size (Jumbo Frame)
• 8 queues per port
• 8k ingress rules
• 1K egress rules
• Policy Capabilities
◦
Up to 12288 authenticated policy users per switch
◦
Policy Profiles: 63
◦
Unique Permit/Deny Rules per switch: 1976
▪
MAC Rules: 512
▪
IPv4 Rules: 512
▪
IPv6 Rules: 512
▪
L2 Rules: 440
• SummitStack-V400 400Gb (full duplex) stacking
◦
Stacking of up to 8 X590 / X690 / X695 / X870 systems
◦
2 x QSFP28 ports (at 100Gb) for stacking
• SummitStack-V160 160Gbps (full duplex) stacking
◦
Stacking of up to 8 X465 / X695 systems
◦
2 x QSFP28 ports (at 40Gb) for stacking
Environmental
Environmental Specifications
• EN/ETSI 300 019-2-1 v2.1.2 - Class 1.2 Storage
• EN/ETSI 300 019-2-2 v2.1.2 - Class 2.3 Transportation
• EN/ETSI 300 019-2-3 v2.1.2 - Class 3.1e Operational
• EN/ETSI 300 753 (1997-10) - Acoustic Noise
• ASTM D3580 Random Vibration Unpackaged 1.5 G
Environmental Compliance
• EU RoHS 2011/65/EU
• EU WEEE 2012/19/EU
• China RoHS SJ/T 11363-2006
• Taiwan RoHS CNS 15663 (2013.7)
Packaging and Storage Specifications
• Temp: -40°C to 70°C (-40°F to 158°F)
• Humidity: 10% to 95% relative humidity, non-condensing
• Packaged Shock (half sine): 180 m/s2 (18 G), 6 ms, 600 shocks
• Packaged Vibration: 5 to 62 Hz at velocity 5 mm/s, 62 to 500 Hz
at 0.2 G
• Packaged Random Vibration: 5 to 20 Hz at 1.0 ASD w/–3 dB/
oct. from 20 to 200 Hz
• Packaged Drop Height: 14 drops minimum on sides and
corners at 42 inches (<15 kg box)
www.extremenetworks.com
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com