Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT86600 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT86600 Datasheet HTML 17Page - Qorvo, Inc ACT86600 Datasheet HTML 18Page - Qorvo, Inc ACT86600 Datasheet HTML 19Page - Qorvo, Inc ACT86600 Datasheet HTML 20Page - Qorvo, Inc ACT86600 Datasheet HTML 21Page - Qorvo, Inc ACT86600 Datasheet HTML 22Page - Qorvo, Inc ACT86600 Datasheet HTML 23Page - Qorvo, Inc ACT86600 Datasheet HTML 24Page - Qorvo, Inc ACT86600 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
21 of 56
www.qorvo.com
®
Freq = 1110, VIN = 12.0V, VFB1 = 3.3V
1.8
MHz
Freq = 1111, VIN = 12.0V, VFB1 = 3.3V
1.9
MHz
Emulated switching frequency
accuracy
At the default switching frequency setting
-20
20
%
Soft-Start Period TSS
5% to 95% VNOM
1000
1500
µs
Tstart, Time from EN to PG
Time from enable to PGOOD
1200
µs
Peak Current Limit (per phase),
Cycle-by-Cycle
ILIM set = 00, per single phase
6
A
ILIM set = 01, per single phase
7
A
ILIM set = 10, per single phase (Note 2)
8
A
ILIM set = 11, per single phase (Note 2)
9
A
Peak Current Limit, Cycle-by-
Cycle Accuracy (per phase)
At default ILIM setting
-10
10
%
Valley Current Limit (per phase),
Cycle-by-Cycle
ILIM set = 00
5
A
ILIM set = 01
6
A
ILIM set = 10
7
A
ILIM set = 11
8
A
Valley Current Limit (per phase),
Cycle-by-Cycle Accuracy
At default ILIM setting
-10
10
%
LS FET reverse conduction
current limit (per phase)
3
A
Current Limit, Shutdown
% compared to Current Limit, cycle-by-cycle
115
125
135
%
Current Limit, Warning
% compared to Current Limit, cycle-by-cycle
70
80
90
%
HS On-Resistance, phase 1
ISW = 1A, VCC5 = 5.0V, Tj < 55OC
30
m
Ω
LS On-Resistance, phase 1
ISW = 1A, VCC5 = 5.0V, Tj < 55OC
11
m
Ω
HS On-Resistance, phase 2
ISW = 1A, VCC5 = 5.0V, Tj < 55OC
30
m
Ω
LS On-Resistance, phase 2
ISW = 1A, VCC5 = 5.0V, Tj < 55OC
11
m
Ω
SWx Leakage Current (Note 1)
VIN = 12.0V, VSWx = 0V
5
µA
VIN = 12.0V, VSWx = 12.0V
10
µA
Dynamic Voltage Scaling Rate
Configurable in 5mV steps
0.02
mV/us
Configurable in 20mV steps
0.08
mV/us
Output Pull Down Resistance
Pull Down resistance is only connected when
DISPLDN[] = 0 and the regulator is turned off
10
Ohms
Note 1: The current leakage from SW is not from Power FETs but from active circuitry associated with the SW node of the regulators.
Note 2: Applicable for VIN < 10V. Do not use these settings when VIN > 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com