Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT86600 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 4 Page - Qorvo, Inc

  ACT86600 Datasheet HTML 1Page - Qorvo, Inc ACT86600 Datasheet HTML 2Page - Qorvo, Inc ACT86600 Datasheet HTML 3Page - Qorvo, Inc ACT86600 Datasheet HTML 4Page - Qorvo, Inc ACT86600 Datasheet HTML 5Page - Qorvo, Inc ACT86600 Datasheet HTML 6Page - Qorvo, Inc ACT86600 Datasheet HTML 7Page - Qorvo, Inc ACT86600 Datasheet HTML 8Page - Qorvo, Inc ACT86600 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
4 of 56
www.qorvo.com
®
ORDERING INFORMATION
PART NUMBER
Input
Voltage
VBUCK1
VBUCK2
VBUCK3
VBUCK4
VCC5
VBBST
ACT86600QM101-T
12V
0.8V
1.2V
1.8V
3.3V
5.0V
12V
ACT86600QM109.E2T
Note 6
12V
0.82V
0.82V
1.8V
1.05V
3.3V
3.3V
A CT866 00QMx xx -T
Option Code
Pin Count
Package Code
Product Number
Tape and Reel
Note 1: Standard product options are identified in this table. Contact factory for custom options, minimum order quantity required.
Note 2: Package Code designator “Q” represents QFN
Note 3: Pin Count designator “M” represents 48 pins
Note 4: “xxx” represents the CMI (Code Matrix Index) option. The CMI identifies the IC’s default register settings
Note 5: See the CMI Option section in the back of the datasheet for a more detailed description of each CMI’s settings.
Note 6: This is a preliminary part number. Contact Qorvo for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com