Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT86600 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT86600
Description  Hybrid PMIC for Enterprise Storage and Computing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT86600 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT86600 Datasheet HTML 1Page - Qorvo, Inc ACT86600 Datasheet HTML 2Page - Qorvo, Inc ACT86600 Datasheet HTML 3Page - Qorvo, Inc ACT86600 Datasheet HTML 4Page - Qorvo, Inc ACT86600 Datasheet HTML 5Page - Qorvo, Inc ACT86600 Datasheet HTML 6Page - Qorvo, Inc ACT86600 Datasheet HTML 7Page - Qorvo, Inc ACT86600 Datasheet HTML 8Page - Qorvo, Inc ACT86600 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
ACT86600
Hybrid PMIC for Enterprise
Storage and Computing
Data Sheet Rev. B, February 2, 2023
Subject to change without notice
1 of 56
www.qorvo.com
®
BENEFITS and FEATURES
•
Wide operating voltage range
•
Vin = 2.7V to 14.4V
•
Withstand input voltage up to 16V
•
Vout = 0.6V to 5.26V
•
Complete Integrated Power Solution
•
Two 6A DC-DC buck converters
•
Two 4A DC-DC buck converters
•
One 0.5A DC-DC buck converter
•
One 0.6A DC-DC Buck-Boost converter
•
Integrated Power FETs
•
High efficiency
•
Up to 96% efficiency
•
Single stage 12V conversion
•
Low Quiescent current, <300uA
•
Excellent dynamic response
•
Programmable switching frequency
•
Small inductor sizes
•
Fast transient response
•
Proprietary COT control algorithm
•
High current, Multi-phase functionality
•
Single or multiphase phase outputs
•
8A and 12A multiphase outputs
•
Staggered phasing in 2-phase operation
•
Highly configurable
•
400KHz – 1.9MHz Frequency Range.
•
Near constant frequency operation.
•
Accepts wide inductor values and sizes.
•
Easy system level design
•
Configurable sequencing
•
Independent On & Off sequencing control.
•
Sequencing with external power supplies
•
Seven programmable GPIOs
•
I2C Interface with password protection.
•
Reset /Power Good Output
•
Flexible System Level Design
•
Versatile GPIO functions
•
Multiple Sleep modes
•
Soft / Hard Reset Functions
•
Watchdog Supervision
•
Interrupt function available.
•
I2C Safety bits to enhance immunity
against spurious I2C transactions.
•
Fault protection
•
Input UV and OV Monitoring for each buck
input.
•
Input and Output UV and OV Detection
•
Interrupt Controller and fault monitoring
options.
•
Resistor-less Over Current Protection
(OCP)
•
System voltage monitoring.
•
Small form factor 6X6mm FCOL QFN
Package.
APPLICATIONS
•
Solid-State Drives
•
Microcontroller Applications
•
FPGA
•
Personal Navigation Devices
GENERAL DESCRIPTION
The ACT86600 PMIC is an integrated ActivePMU power
management unit. It is highly flexible and can be
reconfigured via I2C for multiple applications without the
need for PCB changes. The low external component
count and high configurability significantly speeds time
to market. Examples of configurable options include
output voltage, startup time, slew rate, system level
sequencing,
switching
frequency,
sleep
modes,
operating modes etc.
The core of the device includes 4 high power DC/DC
step down converters, a lower power step down
converter and a buck-boost converter. Each regulator
can be configured for a wide range of output voltages
through the I2C interface.
The ACT86600 is a high voltage PMIC that is optimized
for single stage voltage conversion from 12V input
power sources. It operates with a 2.7V to 14.4V input
voltage and can withstand 16V input voltage surges.
The four high current regulators can be configured as
single phase outputs or can be paralleled for up to 12A
dual phase with outputs.
The ACT86600 PMIC is available in a 6 x 6 mm 48 pin
QFN package.


Similar Part No. - ACT86600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACT86 TI-ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results

Similar Description - ACT86600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
logo
List of Unclassifed Man...
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Microchip Technology
EEC1005 MICROCHIP-EEC1005 Datasheet
820Kb / 56P
Enterprise Storage Backplane Management Processor
05/14/19
logo
Vishay Siliconix
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
logo
Renesas Technology Corp
ISL91302BIK RENESAS-ISL91302BIK Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com