Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT86600 Datasheet (PDF) - Qorvo, Inc

ACT86600 Datasheet PDF - Qorvo, Inc
Part # ACT86600
Download  ACT86600 Download
File Size   1354.57 Kbytes
Page   56 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Hybrid PMIC for Enterprise Storage and Computing

ACT86600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT86600 Datasheet PDF - Qorvo, Inc

Part # ACT86600
Download  ACT86600 Click to download

File Size   1354.57 Kbytes
Page   56 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Hybrid PMIC for Enterprise Storage and Computing

ACT86600 Datasheet (HTML) - Qorvo, Inc


ACT86600 Product details

BENEFITS and FEATURES
• Wide operating voltage range
• Vin = 2.7V to 14.4V
• Withstand input voltage up to 16V
• Vout = 0.6V to 5.26V
• Complete Integrated Power Solution
• Two 6A DC-DC buck converters
• Two 4A DC-DC buck converters
• One 0.5A DC-DC buck converter
• One 0.6A DC-DC Buck-Boost converter
• Integrated Power FETs
• High efficiency
• Up to 96% efficiency
• Single stage 12V conversion
• Low Quiescent current, <300uA
• Excellent dynamic response
• Programmable switching frequency
• Small inductor sizes
• Fast transient response
• Proprietary COT control algorithm
• High current, Multi-phase functionality
• Single or multiphase phase outputs
• 8A and 12A multiphase outputs
• Staggered phasing in 2-phase operation
• Highly configurable
• 400KHz – 1.9MHz Frequency Range.
• Near constant frequency operation.
• Accepts wide inductor values and sizes.
• Easy system level design
• Configurable sequencing
• Independent On & Off sequencing control.
• Sequencing with external power supplies
• Seven programmable GPIOs
• I2C Interface with password protection.
• Reset /Power Good Output
• Flexible System Level Design
• Versatile GPIO functions
• Multiple Sleep modes
• Soft / Hard Reset Functions
• Watchdog Supervision
• Interrupt function available.
• I2C Safety bits to enhance immunity
against spurious I2C transactions.
• Fault protection
• Input UV and OV Monitoring for each buck input.
• Input and Output UV and OV Detection
• Interrupt Controller and fault monitoring options.
• Resistor-less Over Current Protection (OCP)
• System voltage monitoring.
• Small form factor 6X6mm FCOL QFN Package.




Similar Part No. - ACT86600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACT86 TI-ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results


Similar Description - ACT86600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
196HVC VISHAY-196HVC_15 Datasheet
2Mb / 13P
Hybrid Energy Storage Capacitors
09-Sep-15
logo
List of Unclassifed Man...
TS-2RZHD ETC2-TS-2RZHD Datasheet
2Mb / 2P
12-BAY ENTERPRISE-CLASS NETWORK & ISCSI STORAGE
logo
Vishay Siliconix
196-HVC VISHAY-196-HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVC VISHAY-196HVC Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
196HVCENYCAP VISHAY-196HVCENYCAP Datasheet
3Mb / 15P
Hybrid Energy Storage Capacitors
13-Jan-17
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Microchip Technology
EEC1005 MICROCHIP-EEC1005 Datasheet
820Kb / 56P
Enterprise Storage Backplane Management Processor
05/14/19
logo
Vishay Siliconix
196HVC VISHAY-196HVC_V01 Datasheet
2Mb / 14P
Hybrid Energy Storage Capacitors
09-Jun-2021
logo
Renesas Technology Corp
ISL91302BIK RENESAS-ISL91302BIK Datasheet
1Mb / 62P
Dual/Single Output PMIC with 12-Bit Telemetry ADC for Industrial and Computing Applications
Feb.25.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com