Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAST4599DFT2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAST4599DFT2
Description  Low Voltage Single Supply SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4599DFT2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAST4599DFT2 Datasheet HTML 2Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 3Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 4Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 5Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 6Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 7Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 8Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 9Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NLAST4599
http://onsemi.com
6
Channel switch control/s test socket is normalized. Off isolation is measured across an off channel. On loss is
the bandwidth of an On switch. VISO, Bandwidth and VONL are independent of the input signal direction.
VISO = Off Channel Isolation = 20 Log
for VIN at 100 kHz
VONL = On Channel Loss = 20 Log
for VIN at 100 kHz to 50 MHz
Bandwidth (BW) = the frequency 3 dB below VONL
Output
DUT
Input
50
W
50
W Generator
Reference
Transmitted
Figure 7. Off Channel Isolation/On Channel Loss (BW)/Crosstalk
(On Channel to Off Channel)/VONL
50
W
VOUT
VIN
VOUT
VIN
Off
On
Off
DVOUT
VCC
GND
Output
VIN
CL
DUT
Figure 8. Charge Injection: (Q)
VIN
Open
Output
−55
−20
Figure 9. Switch Leakage vs. Temperature
1
INO(OFF)
TEMPERATURE (
°C)
0.01
25
0.001
0.1
70
85
125
ICOM(ON)
ICOM(OFF)
VCC = 5.0 V
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com