Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAST4599DFT2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLAST4599DFT2
Description  Low Voltage Single Supply SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4599DFT2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLAST4599DFT2 Datasheet HTML 4Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 5Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 6Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 7Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 8Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 9Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 10Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 11Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLAST4599
http://onsemi.com
8
0
5
10
15
20
25
30
35
40
45
50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
25
°C
−55
°C
85
°C
125
°C
85
°C
−55
°C
125
°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
25
°C
−55
°C
85
°C
25
°C
125
°C
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
2.0
1.0
3.0
4.0
5.0
6.0
Temperature (
°C)
Figure 16. ICC vs. Temp, VCC = 3 V & 5 V
80
100
60
40
20
0
Figure 17. RON vs. VCC, Temp = 255C
VIS (VDC)
Figure 18. RON vs Temp, VCC = 2.0 V
Figure 19. RON vs. Temp, VCC = 2.5 V
VIS (VDC)
Figure 20. RON vs. Temp, VCC = 3.0 V
VIS (VDC)
−40
60
80
20
0
100
−20
120
VCC = 2.0 V
VCC = 2.5 V
VCC = 3.0 V
VCC = 4.0 V
VCC = 5.5 V
VCC = 3.0 V
VCC = 5.0 V
10
1
0.1
100
0.01
0.001
0.0001
0.00001
Figure 21. RON vs. Temp, VCC = 4.5 V
VIS (VDC)
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIS (VDC)
25
°C
−55
°C
125
°C
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com