Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NLAST4599DFT2 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLAST4599DFT2
Description  Low Voltage Single Supply SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAST4599DFT2 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLAST4599DFT2 Datasheet HTML 4Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 5Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 6Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 7Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 8Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 9Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 10Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 11Page - ON Semiconductor NLAST4599DFT2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NLAST4599
http://onsemi.com
9
Figure 22. RON vs. Temp, VCC = 5.0 V
Figure 23. RON vs. Temp, VCC = 5.5 V
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.0
4.5
5.0
25
°C
85
°C
125
°C
−55
°C
20
15
10
25
VIS (VDC)
5
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0 3.5 4.0 4.5
5.0
5.5
25
°C
85
°C
125
°C
−55
°C
TAPE TRAILER
(Connected to Reel Hub)
NO COMPONENTS
160 mm MIN
TAPE LEADER
NO COMPONENTS
400 mm MIN
COMPONENTS
DIRECTION OF FEED
CAVITY
TAPE
TOP TAPE
Figure 24. Tape Ends for Finished Goods
1
4.00
2.00
1.75
1.00 MIN
4.00
Figure 25. SC70−6/SC−88/SOT−363 DFT2 and SOT23−6/TSOP−6/SC59−6 DTT1 Reel Configuration/Orientation
DIRECTION OF FEED
TAPE DIMENSIONS mm
1.50 TYP
8.00
$0.30
3.50
$0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com